Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC352RPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC352RPEL
Description  Dual 4-to-1-line Data Selectors/Multiplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC352RPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC352RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC352RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC352RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC352RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC352RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC352RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC352RPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 6
HD74HC352
Dual 4-to-1-line Data Selectors/Multiplexers
REJ03D0611–0200
(Previous ADE-205-490)
Rev.2.00
Jan 31, 2006
Description
Each of these data selectors/multiplexers contains inverters and drivers to supply fully complementary binary decoding
data selection to the AND-OR-invert gates. Separate strobe inputs (G) are provided for each of the two four-line
sections.
Features
• High Speed Operation: t
pd (Data to Y) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC352RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Function Table
Select Input
Data Inputs
Strobe
Output
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
H
L
L
L
X
X
X
L
H
L
L
H
X
X
X
L
L
L
H
X
L
X
X
L
H
L
H
X
H
X
X
L
L
H
L
X
X
L
X
L
H
H
L
X
X
H
X
L
L
H
H
X
X
X
L
L
H
H
H
X
X
X
H
L
L
Select inputs A and B are common to both sections


Similar Part No. - HD74HC352RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC352 HITACHI-HD74HC352 Datasheet
55Kb / 10P
   Dual 4-to-1-line Data Selectors/Multiplexers
More results

Similar Description - HD74HC352RPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC153 RENESAS-HD74HC153 Datasheet
79Kb / 6P
   Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353 RENESAS-HD74HC353 Datasheet
182Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
logo
Hitachi Semiconductor
HD74HC352 HITACHI-HD74HC352 Datasheet
55Kb / 10P
   Dual 4-to-1-line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
   Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
SN54HC153 TI1-SN54HC153_15 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com