Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC299FPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC299FPEL
Description  8-bit Universal Shift/Storage Register (with 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC299FPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74HC299FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC299FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC299FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC299FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC299FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC299FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC299FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC299FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC299FPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74HC299
Rev.2.00 Jan 31, 2006 page 6 of 8
Test Circuit
VCC
OPEN
GND
C =
50 pF
G
Zout = 50
Input
1 k
VCC
VCC
VCC
S1
L
Output
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
Clear
A/QA
to H/QH
S0
Zout = 50
Input
S1
SR
Clock
SL
QA'
QH'
CL =
50 pF
Output
CL =
50 pF
Output
G1
G2
Note : 1. CL includes probe and jig capacitance.
Pulse Generator
Pulse Generator
Waveforms
0 V
VCC
50 %
Clear
0 V
VCC
VCC
SR or SL
S0 or S1
Waveform – 1
Note : 1. Input pulse : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
0 V
VOH
VOL
QA, QH
50 %
QA', QH'
0 V
VCC
Clock
trem
50 %
50 %
50 %
50 %
50 %
50 %
50 %
90 %
tr
10 %
tf
90 %
90 %
tTLH, tTHL
10 %
10 %
90 %
tPHL
tPHL, tPLH
tsu
tsu
th
50 %
50 %
tPLH, tPHL
tTHL, tTLH


Similar Part No. - HD74HC299FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
More results

Similar Description - HD74HC299FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Motorola, Inc
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Motorola, Inc
SN54LS299 MOTOROLA-SN54LS299 Datasheet
255Kb / 7P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
   CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
logo
Texas Instruments
SN74F323 TI1-SN74F323 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT-STORAGE REGISTER WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com