Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC283P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC283P
Description  4-bit Binary Full Adder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC283P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC283P Datasheet HTML 1Page - Renesas Technology Corp HD74HC283P Datasheet HTML 2Page - Renesas Technology Corp HD74HC283P Datasheet HTML 3Page - Renesas Technology Corp HD74HC283P Datasheet HTML 4Page - Renesas Technology Corp HD74HC283P Datasheet HTML 5Page - Renesas Technology Corp HD74HC283P Datasheet HTML 6Page - Renesas Technology Corp HD74HC283P Datasheet HTML 7Page - Renesas Technology Corp HD74HC283P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74HC283
Rev.2.00 Jan 31, 2006 page 5 of 7
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to +85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
150
190
4.5
19
30
38
tPLH
tPHL
6.0
26
33
ns
C0 to
Σ1
2.0
150
190
4.5
19
30
38
tPLH
tPHL
6.0
26
33
ns
A1 or B1 to
Σ1
2.0
150
190
4.5
19
30
38
tPLH
tPHL
6.0
26
33
ns
C0 to C4
2.0
150
190
4.5
19
30
38
Propagation delay
time
tPLH
tPHL
6.0
26
33
ns
A1 or B1 to C4
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH
tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
CL = 50 pF
Zout = 50
Input
VCC
Output
Σ4
C0
A4
B3
A1
B4
A2
B1
CL = 50 pF
Output
C4
B2
A3
CL = 50 pF
Output
Σ1
Note : 1. CL includes probe and jig capacitance.
Pulse Generator


Similar Part No. - HD74HC283P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
   4-bit Binary Full Adder
More results

Similar Description - HD74HC283P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
   4-bit Binary Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Toshiba Semiconductor
TC74HC283AP TOSHIBA-TC74HC283AP_07 Datasheet
399Kb / 10P
   4-Bit Binary Full Adder
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
1,005Kb / 9P
   4-BIT BINARY FULL ADDER
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com