Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2215R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2215R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2215R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2215R Datasheet HTML 1Page - Renesas Technology Corp HAT2215R Datasheet HTML 2Page - Renesas Technology Corp HAT2215R Datasheet HTML 3Page - Renesas Technology Corp HAT2215R Datasheet HTML 4Page - Renesas Technology Corp HAT2215R Datasheet HTML 5Page - Renesas Technology Corp HAT2215R Datasheet HTML 6Page - Renesas Technology Corp HAT2215R Datasheet HTML 7Page - Renesas Technology Corp HAT2215R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT2215R, HAT2215RJ
Rev.3.00 Dec. 22, 2004 page 3 of 7
Main Characteristics
10
1
0.1
110
100
10
5
05
10
10
5
0
234
5
0.01
100
VGS = 2.8 V
Tc = 75
°C
25
°C
−25°C
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS
(V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage
VGS
(V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
3.4 V
3.2 V
3.0 V
4.5 V
10 V
0.1
0.001
100
µs
1 ms
Ta = 25
°C
1 shot Pulse
10 µ
s
Note
4
DC
Operation
(PW
≤ 10
s)
Operation in
this area is
limited by RDS(on)
Note 4 :
When using the glass epoxy board
(FR4 40x40x1.6 mm)
500
400
300
200
100
0
510
15
20
0.1
1
10
100
10
ID = 2 A
1 A
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
Pulse Test
Pulse Test
0.5 A
100
1000
VGS = 4.5 V
10 V
PW
=
10
ms
(1shot)
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
4.0
3.0
2.0
1.0
0
50
100
150
200
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
2 Drive
Operation
1 Drive
Operation


Similar Part No. - HAT2215R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2215R RENESAS-HAT2215R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
HAT2215R-EL-E RENESAS-HAT2215R-EL-E Datasheet
157Kb / 9P
   Silicon N Channel Power MOSFET
HAT2215R RENESAS-HAT2215R_15 Datasheet
135Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2215R RENESAS-HAT2215R_17 Datasheet
157Kb / 9P
   Silicon N Channel Power MOSFET
More results

Similar Description - HAT2215R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com