Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2208R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2208R
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2208R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2208R Datasheet HTML 1Page - Renesas Technology Corp HAT2208R Datasheet HTML 2Page - Renesas Technology Corp HAT2208R Datasheet HTML 3Page - Renesas Technology Corp HAT2208R Datasheet HTML 4Page - Renesas Technology Corp HAT2208R Datasheet HTML 5Page - Renesas Technology Corp HAT2208R Datasheet HTML 6Page - Renesas Technology Corp HAT2208R Datasheet HTML 7Page - Renesas Technology Corp HAT2208R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT2208R
REJ03G1595-0200 Rev.2.00 Oct 15, 2007
Page 3 of 7
Main Characteristics
Ambient Temperature Ta (
°C)
Power vs. Temperature Derating
4.0
3.0
2.0
1.0
0
50
100
150
200
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW
≤ 10 s
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Note 4 : When using the glass epoxy board
(FR4 40x40x1.6 mm)
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
500
Ta = 25°C
1 shot Pulse
PW
=
10
m
s
10 µ
s
100
µs
Operation in
this area is
limited by R
DS(on)
Note
4
DC
Operation
(PW
≤ 10
s)
1 ms
Drain to Source Voltage VDS (V)
Typical Output Characteristics
10
8
6
4
2
0
2
4
68
10
VGS = 2.6 V
10 V
4.5 V
Pulse Test
2.8 V
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
10
8
6
4
2
0
12
3
4
5
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
250
200
150
100
50
0
4
8
12
16
20
Pulse Test
ID = 5 A
2 A
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
20
10
2
5
1
0.1
1
10
100
100
50
VGS = 4.5 V
10 V
Pulse Test
3.0 V


Similar Part No. - HAT2208R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2208R RENESAS-HAT2208R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
logo
SHENZHEN DOINGTER SEMIC...
HAT2208R DOINGTER-HAT2208R Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
HAT2208R RENESAS-HAT2208R_15 Datasheet
136Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2208R RENESAS-HAT2208R_16 Datasheet
231Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2208R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com