Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSG2005TB-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSG2005TB-E
Description  SiGe HBT High Frequency Medium Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2005TB-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSG2005TB-E Datasheet HTML 1Page - Renesas Technology Corp HSG2005TB-E Datasheet HTML 2Page - Renesas Technology Corp HSG2005TB-E Datasheet HTML 3Page - Renesas Technology Corp HSG2005TB-E Datasheet HTML 4Page - Renesas Technology Corp HSG2005TB-E Datasheet HTML 5Page - Renesas Technology Corp HSG2005TB-E Datasheet HTML 6Page - Renesas Technology Corp HSG2005TB-E Datasheet HTML 7Page - Renesas Technology Corp HSG2005TB-E Datasheet HTML 8Page - Renesas Technology Corp HSG2005TB-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HSG2005
Rev.4.00 Jun 21, 2006 page 4 of 12
2.4 GHz Characteristics
Input Power Pin (dBm)
10
-10
-10
15
20
5
30
10
20
0
0
Pin - Pout Characteristics
Evaluation Board Circuit
Pin - Pout Characteristics
-20
-20
0
20
-40
40
-40
0
40
-20
-60
Input Power Pin (dBm)
3rd. Order Intermodulation Distortion (IMD3)
-50
20
-30
-10
10
30
-10
-40
0
10
-20
20
1.5
3.0
4.0
2.5
1.0
Frequency f (GHz)
S parameter vs. Frequency
2.0
3.5
-30
-10
-40
0
10
-20
20
1.5
3.0
4.0
2.5
1.0
Frequency f (GHz)
S parameter vs. Frequency
2.0
3.5
-30
S21
S22
S12
S11
VCE = 3.6 V
IC = 50 mA
S21
S22
S12
S11
VCE = 3.6 V
IC = 150 mA
200
300
350
100
400
0
25
-5
VCE = 3.6 V
Iidle = 50 mA
f = 2.4 GHz
Fundamental
(1tone)
IMD3
(2tone:
∆f = 1MHz)
Pout
Iop
VCC = 3.6 V
Iidle = 50 mA
f = 2.4 GHz
PG
50
250
150
OUT
IN
C : 1 pF
*1
µF
*1
µF
1000 pF
27
1000 pF
C : 0.9 pF
C : 1 to 2 pF
10 pF
10 pF
L : 5.6 nH
L : 1.5 nH
L : 1.8 nH
L : 10 nH
C : 1 pF
VCC
VBB : Bias Control


Similar Part No. - HSG2005TB-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG2001 RENESAS-HSG2001 Datasheet
253Kb / 25P
   SiGe NPN Epitaxial High Frequency Medium Power Amplifier
HSG2001VF RENESAS-HSG2001VF Datasheet
253Kb / 25P
   SiGe NPN Epitaxial High Frequency Medium Power Amplifier
HSG2002 RENESAS-HSG2002 Datasheet
357Kb / 25P
   SiGe HBT High Frequency Medium Power Amplifier
HSG2002TB-E RENESAS-HSG2002TB-E Datasheet
357Kb / 25P
   SiGe HBT High Frequency Medium Power Amplifier
HSG2004 RENESAS-HSG2004 Datasheet
247Kb / 13P
   SiGe HBT High Frequency Medium Power Amplifier
More results

Similar Description - HSG2005TB-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG2002 RENESAS-HSG2002 Datasheet
357Kb / 25P
   SiGe HBT High Frequency Medium Power Amplifier
HSG2004 RENESAS-HSG2004 Datasheet
247Kb / 13P
   SiGe HBT High Frequency Medium Power Amplifier
HSG2001 RENESAS-HSG2001 Datasheet
253Kb / 25P
   SiGe NPN Epitaxial High Frequency Medium Power Amplifier
logo
Tachyonics CO,. LTD
THM1001TE TACHYONICS-THM1001TE Datasheet
170Kb / 9P
   SiGe HBT MMIC POWER AMPLIFIER
logo
Renesas Technology Corp
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
   SiGe MMIC High Frequency Power Amplifier
logo
TriQuint Semiconductor
TQM7136 TRIQUINT-TQM7136 Datasheet
97Kb / 16P
   3V HBT SiGe CDMA POWER AMPLIFIER MODULE
logo
RF Micro Devices
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4463A RFMD-QPA4463A Datasheet
771Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4263A RFMD-QPA4263A Datasheet
765Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com