Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT1G04 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HCT1G04
Description  Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT1G04 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HCT1G04 Datasheet HTML 1Page - Renesas Technology Corp HD74HCT1G04 Datasheet HTML 2Page - Renesas Technology Corp HD74HCT1G04 Datasheet HTML 3Page - Renesas Technology Corp HD74HCT1G04 Datasheet HTML 4Page - Renesas Technology Corp HD74HCT1G04 Datasheet HTML 5Page - Renesas Technology Corp HD74HCT1G04 Datasheet HTML 6Page - Renesas Technology Corp HD74HCT1G04 Datasheet HTML 7Page - Renesas Technology Corp HD74HCT1G04 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74HCT1G04
Rev.5.00, Jan.28.2004, page 5 of 7
Switching Characteristics
Ta = 25°C
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Output rise / fall time
tTLH
tTHL
6
10
ns
Test circuit
tPLH
—7.5
12
Propagation delay time
tPHL
—10
17
ns
Test circuit
(CL = 15 pF, tr = tf = 6 ns, VCC = 5 V)
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
VCC
(V)
Min
Typ
Max
Min
Max
Unit Test Conditions
Output rise / fall time
tTLH
tTHL
4.5
14
25
31
ns
Test circuit
tPLH
4.5
11.2
16
20
Propagation delay time
tPHL
4.5
16.4
27
31
ns
Test circuit
Input capacitance
CIN
——2.5
5
5
pF
Equivalent capacitance
CPD
——10
pF
(CL = 50 pF, tr = tf = 6 ns)
Note:
CPD is equivalent capacitance inside of the IC calculated from the operating current without load (see
test circuit). The average operating current without load is calculated according to the expression
below.
ICC (opr) = CPD VCC fIN + ICC


Similar Part No. - HD74HCT1G04

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
More results

Similar Description - HD74HCT1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com