Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC669FPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC669FPEL
Description  Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC669FPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC669FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC669FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC669FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC669FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC669FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC669FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC669FPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC669FPEL Datasheet HTML 10Page - Renesas Technology Corp HD74HC669FPEL Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74HC668, HD74HC669
Rev.2.00 Mar 30, 2006 page 7 of 10
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
5
4
4.5
27
21
Maximum clock
Frequency
fmax
6.0
32
25
MHz
2.0
200
250
4.5
40
50
tPLH
tPHL
6.0
34
43
ns
Clock to Ripple carry out
2.0
225
280
4.5
45
56
tPLH
tPHL
6.0
38
48
ns
Clock to Q
2.0
150
190
4.5
30
38
tPLH
tPHL
6.0
26
33
ns
Enable
T to Ripple carry out
2.0
200
250
4.5
40
50
Propagation delay
time
tPLH
tPHL
6.0
34
43
ns
U/
D to Ripple carry out
2.0
80
100
4.5
16
20
Pulse width
tw
6.0
14
17
ns
2.0
100
125
4.5
20
25
tsu
6.0
17
21
ns
Data to Clock
2.0
150
190
4.5
30
38
tsu
6.0
26
33
ns
Enable
P, T to Clock
2.0
150
190
4.5
30
38
tsu
6.0
26
33
ns
Loadk to Clock
2.0
150
190
4.5
30
38
Setup time
tsu
6.0
26
33
ns
U/
D to Clock
2.0
5
5
4.5
5
5
Hold time
th
6.0
5
5
ns
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH
tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC669FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC669 HITACHI-HD74HC669 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
More results

Similar Description - HD74HC669FPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com