Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC668 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74HC668
Description  Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC668 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74HC668 Datasheet HTML 3Page - Renesas Technology Corp HD74HC668 Datasheet HTML 4Page - Renesas Technology Corp HD74HC668 Datasheet HTML 5Page - Renesas Technology Corp HD74HC668 Datasheet HTML 6Page - Renesas Technology Corp HD74HC668 Datasheet HTML 7Page - Renesas Technology Corp HD74HC668 Datasheet HTML 8Page - Renesas Technology Corp HD74HC668 Datasheet HTML 9Page - Renesas Technology Corp HD74HC668 Datasheet HTML 10Page - Renesas Technology Corp HD74HC668 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74HC668, HD74HC669
Rev.2.00 Mar 30, 2006 page 8 of 10
Test Circuit
VCC
CL = 50 pF
U/
D
VCC
Output
Zout = 50
Input
Pulse Generator
Note : 1. CL includes probe and jig capacitance.
Ripple
Carry
Load
D
C
Clock
Enable
P
B
A
CL = 50 pF
Output
CL = 50 pF
Output
QA
QD
CL = 50 pF
Output
CL = 50 pF
Output
Zout = 50
Input
Pulse Generator
QB
QC
Enable
T


Similar Part No. - HD74HC668

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
More results

Similar Description - HD74HC668

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com