Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC221P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC221P
Description  Dual Monostable Multivibrators (with Schmitt Trigger Input)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC221P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC221P Datasheet HTML 1Page - Renesas Technology Corp HD74HC221P Datasheet HTML 2Page - Renesas Technology Corp HD74HC221P Datasheet HTML 3Page - Renesas Technology Corp HD74HC221P Datasheet HTML 4Page - Renesas Technology Corp HD74HC221P Datasheet HTML 5Page - Renesas Technology Corp HD74HC221P Datasheet HTML 6Page - Renesas Technology Corp HD74HC221P Datasheet HTML 7Page - Renesas Technology Corp HD74HC221P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74HC221
Rev.2.00 Jan 31, 2006 page 5 of 7
Waveforms
GND
VCC
GND
VCC
GND
VCC
10 %
90 %
50 %
• Waveform-1
Input A
Input CLR
Input B
Output Q
Output
Q
tf
tr
10 %
90 %
50 %
tr
VOH
VOL
VOH
VOL
t
(trigger)
PLH
tPHL
tPLH
t (L)
w
50 %
10 %
90 %
50 %
50 %
tr
90 %
50 %
10 %
10 %
90 %
tf
50 %
50 %
50 %
t
(trigger)
PHL
Notes : 1. Input pulse : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74HC221P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
More results

Similar Description - HD74HC221P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Texas Instruments
SN74LS221J TI1-SN74LS221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com