Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC190RPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC190RPEL
Description  Synchronous Up/Down Decade Counter (Single Clock Line)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC190RPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74HC190RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC190RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC190RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC190RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC190RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC190RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC190RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC190RPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC190RPEL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HD74HC190, HD74HC191
Rev.3.00, Jan 31, 2006 page 6 of 12
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage range
VCC
–0.5 to 7.0
V
Input / Output voltage
Vin, Vout
–0.5 to VCC +0.5
V
Input / Output diode current
IIK, IOK
±20
mA
Output current
IO
±25
mA
VCC, GND current
ICC or IGND
±50
mA
Power dissipation
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
4.0
40
µA Vin = VCC or GND, Iout = 0 µA


Similar Part No. - HD74HC190RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
More results

Similar Description - HD74HC190RPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS190 RENESAS-HD74LS190 Datasheet
198Kb / 11P
   Synchronous Up / Down Decade Counter (signal clock line)
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
HD74LS190 HITACHI-HD74LS190 Datasheet
104Kb / 7P
   Synchronous Up/Down Decade Counters(single clock line)
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
   SYNCHRONOUS UP/DOWN DECADE COUNTER
logo
Renesas Technology Corp
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
   Synchronous Up / Down Decade Counter (dual clock lines)
HD74HC192 RENESAS-HD74HC192 Datasheet
151Kb / 14P
   Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74LS193 RENESAS-HD74LS193 Datasheet
107Kb / 12P
   Synchronous Up / Down Decade Counter (dual clock lines)
logo
Hitachi Semiconductor
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com