Electronic Components Datasheet Search |
|
M65762FP Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
M65762FP Datasheet(HTML) 7 Page - Renesas Technology Corp |
7 / 35 page M65762FP REJ03F0235-0200 Rev.2.00 Sep 14, 2007 Page 7 of 34 Specifications of Coding Functions (1) Coding algorithm • QM-Coder (JBIG standard arithmetic coding system) (2) Context a) Template model • 2- or 3-line of 10-pixel template (see figure 1) (Conforming to the template for JBIG minimum resolution) Note: The coding efficiency of the 3-line template is better than that of 2-line template by several %. b) Adaptive template (AT) • It is possible to move up to 127 pixels on the coding line. (AT position is indicated by MPU.) Note: AT is available to improve the coding efficiency for dither image. • Even in the middle of coding/decoding, the position of AT line can be changed for a line (AT move) Note: When the position the AT pixel of is changed, the template model cannot be changed concurrently. X X X? ? X X X X X X X X X X X X XX X A A Figure 1 Template (X, A) (Upper: 3 lines, Lower: 2 lines) A A X X X? ? X X X X X X X X X X X X XX X MAX127 MAX127 Figure 2 Adaptive Template (A) (3) Typical prediction • Agreement with the typical prediction of the minimum resolution of JBIG. The pseudo-pixel (SLNTP) is generated by the symbol LNTP which shows whether the coding/decoding process lines agree with the immediately preceding line. If they agree, the pseudo-pixel only is coded. This makes it possible to shorten the time of process and rejection of the code data. SLNTPy = ! (LNTPy ⊕ LNTPy – 1) (Where: y indicates a lien No., y = 1 indicates that lines do not match each other, and initial value LNTP for head line is given with y – 1 = 1) (4) Coding data format • The stripe data entity. (SDE = stripe coded data with byte stuffing (PSCD) + end marker (SDNORM/SDRST)) Performs coding and decoding of one stripe (see "Appendix A.1") In the case of multi-striped (multi-stripes), can be supported by activation for each stripe. (5) Marker code • Supports the SDE end marker (During coding, the marker code previously set in the register is outputted. During decoding, the marker code byte detected by requesting on interrupt to MPU when the maker is detected is read out of the register.) |
Similar Part No. - M65762FP |
|
Similar Description - M65762FP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |