Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65667FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M65667FP
Description  Picture-in-Picture Signal Processing
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65667FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M65667FP Datasheet HTML 1Page - Renesas Technology Corp M65667FP Datasheet HTML 2Page - Renesas Technology Corp M65667FP Datasheet HTML 3Page - Renesas Technology Corp M65667FP Datasheet HTML 4Page - Renesas Technology Corp M65667FP Datasheet HTML 5Page - Renesas Technology Corp M65667FP Datasheet HTML 6Page - Renesas Technology Corp M65667FP Datasheet HTML 7Page - Renesas Technology Corp M65667FP Datasheet HTML 8Page - Renesas Technology Corp M65667FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REJ03F0185-0201 Rev.2.01 Mar 31, 2008
Page 1 of 12
M65667FP
Picture-in-Picture Signal Processing
REJ03F0185-0201
Rev.2.01
Mar 31, 2008
Description
The M65667FP is a NTSC PIP (Picture in Picture) signal processing LSI, whose sub and main-picture inputs are
composite and Y/C separated signals, respectively. The built-in field memory (96 Kbit RAM), V-chip data slicer and
analog circuitries lead the PIP system low cost and small size.
Features
• Built-in 96 Kbit field memory (sub-picture data storage)
• Internal V-chip data slicer (for sub-picture)
• Vertical filter for sub-picture (Y signal)
• Single sub-picture (selectable picture size: 1/9, 1/16)
• Sub-picture processing specification (1/9 size / 1/16 size)
Quantization bits
Y, B-Y, R-Y: 6 bits
Horizontal sampling
171 pixels (Y), 28.5 pixels (B-Y, R-Y)
Vertical lines
69/52 lines
• Frame (sub-picture) on/off
• Built-in analog circuits
Two 8-bit A/D converters (main and sub-picture signals)
Two 8-bit D/A converters (Y and C sub-picture signals)
Sync-tip-clamp, VCXO, Analog switch, etc.
• I2C BUS control (parallel/serial control)
PIP on/off, Sub-picture size (1/9 or 1/16), Frame on/off (programmable luma level), PIP position (4 corners fixed
position), Picture freeze, Y delay adjustment, Chroma level, Tint, Black level, Contrast, etc.
Application
NTSC color TV
Recommended Operating Condition
Supply voltage range
…………………………… 3.1 to 3.5 V
Operating frequency
…………………………… 14.32 MHz
Operating temperature
………………………… –20 to 75°C
Input voltage (CMOS interface) "H"
…………… Vdd ± 0.7 to Vdd V
"L"
…………… 0 to Vdd ± 0.3 V
Output current (output buffer)
………………… 4 mA (Max)
Output load capacitance
……………………… 20 pF (Max) Note2
Circuit current
………………………………… 160 mA
Notes: 1. Connect a 0.1
µF or larger capacitor between Vdd and Vss pins.
2. Include pin capacitance (7 pF)


Similar Part No. - M65667FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65667FP MITSUBISHI-M65667FP Datasheet
59Kb / 9P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results

Similar Description - M65667FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
   Picture-in-Picture Signal Processing
logo
Mitsubishi Electric Sem...
M65617SP MITSUBISHI-M65617SP Datasheet
74Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667FP MITSUBISHI-M65667FP Datasheet
59Kb / 9P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com