Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC173RPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC173RPEL
Description  4-bit D-type Register (with 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC173RPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC173RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC173RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC173RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC173RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC173RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC173RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC173RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC173RPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC173
Rev.3.00, Jan 31, 2006 page 4 of 7
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
5
4
4.5
27
21
Maximum clock
frequency
fmax
6.0
32
25
MHz
2.0
175
220
4.5
14
35
44
tPLH, tPHL
6.0
30
37
ns
Clock to Q
2.0
150
190
4.5
14
30
38
Propagation delay
time
tPHL
6.0
26
33
ns
Clear to Q
2.0
150
190
4.5
12
30
38
Enable time
tZH, tZL
6.0
26
33
ns
2.0
150
190
4.5
12
30
38
Disable time
tHZ, tLZ
6.0
26
33
ns
2.0
100
125
4.5
20
4
25
Setup time
tsu
6.0
17
21
ns
2.0
90
115
4.5
18
0
23
Removal time
trem
6.0
15
20
ns
2.0
5
5
4.5
5
–2
5
Hold time
th
6.0
5
5
ns
2.0
80
100
4.5
16
4
20
Pulse width
tw
6.0
14
17
ns
2.0
60
75
4.5
4
12
15
Output rise/fall
time
tTLH, tTHL
6.0
10
13
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
Note 1. CL includes probe and jig capacitance
OPEN
GND
C
1K
VCC
VCC
S2
L
Output
TEST
S2
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ


Similar Part No. - HD74HC173RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
More results

Similar Description - HD74HC173RPEL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
   4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B_05 Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076B ONSEMI-MC14076B Datasheet
181Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14076B ONSEMI-MC14076B_14 Datasheet
112Kb / 7P
   4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
logo
Motorola, Inc
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF4076B PHILIPS-HEF4076B Datasheet
70Kb / 7P
   Quadruple D-type register with 3-state outputs
January 1995
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
SN54173 TI-SN54173 Datasheet
562Kb / 19P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com