Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC162FPEL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74HC162FPEL
Description  Synchronous Decade Counter (Direct Clear)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC162FPEL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74HC162FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC162FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC162FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC162FPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC162FPEL Datasheet HTML 10Page - Renesas Technology Corp HD74HC162FPEL Datasheet HTML 11Page - Renesas Technology Corp HD74HC162FPEL Datasheet HTML 12Page - Renesas Technology Corp HD74HC162FPEL Datasheet HTML 13Page - Renesas Technology Corp HD74HC162FPEL Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HD74HC160, HD74HC161, HD74HC162, HD74HC163
Rev.2.00, Oct 11, 2005 page 10 of 14
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
5
4
4.5
25
20
Maximum clock
frequency
fmax
6.0
29
23
MHz
2.0
160
200
4.5
18
32
40
6.0
27
34
ns
Clock to Q
2.0
225
280
4.5
23
45
56
6.0
38
48
ns
Clear to Q
(HC160, HC161 only)
2.0
150
190
4.5
15
30
38
6.0
26
33
ns
Enable T to Ripple Carry
output
2.0
200
250
4.5
16
40
50
Propagation delay
time
tPLH, tPHL
6.0
34
43
ns
Clock to Ripple carry output
2.0
125
156
4.5
25
9
31
6.0
21
26
ns
Data to Clock
2.0
125
156
4.5
25
15
31
6.0
21
26
ns
Load to Clock
2.0
125
156
4.5
25
31
Setup time
tsu
6.0
21
26
ns
Clear to Clock
(HC162, HC163 only)
2.0
0
0
4.5
0
–7
0
Hold time
th
6.0
0
0
ns
2.0
100
125
4.5
20
7
25
Removal time
trem
6.0
17
21
ns
2.0
80
100
4.5
16
6
20
Pulse width
tw
6.0
14
17
ns
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH, tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC162FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC162 HITACHI-HD74HC162 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
More results

Similar Description - HD74HC162FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
   Synchronous Decade Counter (direct clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
logo
Renesas Technology Corp
HD74LS162A RENESAS-HD74LS162A Datasheet
201Kb / 11P
   Synchronous Decade Counter (synchronous clear)
logo
Hitachi Semiconductor
HD74LS160A HITACHI-HD74LS160A Datasheet
107Kb / 7P
   Synchronous Decade Counters(direct clear)
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
   Synchronous Decade Counter with Asynchronous Clear
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
   Synchronous 4-bit Binary Counter (direct clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com