Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC164 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC164
Description  8-bit Parallel-out Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC164 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC164 Datasheet HTML 1Page - Renesas Technology Corp HD74HC164 Datasheet HTML 2Page - Renesas Technology Corp HD74HC164 Datasheet HTML 3Page - Renesas Technology Corp HD74HC164 Datasheet HTML 4Page - Renesas Technology Corp HD74HC164 Datasheet HTML 5Page - Renesas Technology Corp HD74HC164 Datasheet HTML 6Page - Renesas Technology Corp HD74HC164 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC164
Rev.3.00, Jan 31, 2006 page 4 of 6
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
5
4
4.5
25
20
Maximum clock
frequency
fmax
6.0
29
24
MHz
2.0
160
200
4.5
14
32
40
tPHL
6.0
27
34
ns
2.0
160
200
4.5
15
32
40
tPLH
6.0
27
34
ns
Clock to Q
2.0
175
220
4.5
17
35
44
Propagation delay
time
tPHL
6.0
30
37
ns
Clear to Q
2.0
100
125
4.5
20
1
25
Setup time
tsu
6.0
17
21
ns
A, B to Clock
2.0
5
5
4.5
5
0
5
Hold time
th
6.0
5
5
ns
Clock to A, B
2.0
5
5
4.5
5
0
5
Removal time
trem
6.0
5
5
ns
Clear to Clock
2.0
80
100
4.5
16
8
20
6.0
14
17
ns
Clock
2.0
80
100
4.5
16
5
20
Pulse width
tw
6.0
14
17
ns
Clear
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH, tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC164

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC164 HITACHI-HD74HC164 Datasheet
51Kb / 9P
   8-bit Parallel-out Shift Register
logo
Renesas Technology Corp
HD74HC164FPEL RENESAS-HD74HC164FPEL Datasheet
145Kb / 10P
   8-bit Parallel-out Shift Register
HD74HC164P RENESAS-HD74HC164P Datasheet
145Kb / 10P
   8-bit Parallel-out Shift Register
HD74HC164RPEL RENESAS-HD74HC164RPEL Datasheet
145Kb / 10P
   8-bit Parallel-out Shift Register
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
   8-bit Parallel-out Shift Register
More results

Similar Description - HD74HC164

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC164 HITACHI-HD74HC164 Datasheet
51Kb / 9P
   8-bit Parallel-out Shift Register
logo
Renesas Technology Corp
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
   8-bit Parallel-out Shift Register
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
   8-Bit Parallel-Out Serial Shift Register
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
   8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
   8-Bit Parallel-Out Serial Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com