Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC137 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC137
Description  3-to-8-line Decoder/Demultiplexer with Address Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC137 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC137 Datasheet HTML 1Page - Renesas Technology Corp HD74HC137 Datasheet HTML 2Page - Renesas Technology Corp HD74HC137 Datasheet HTML 3Page - Renesas Technology Corp HD74HC137 Datasheet HTML 4Page - Renesas Technology Corp HD74HC137 Datasheet HTML 5Page - Renesas Technology Corp HD74HC137 Datasheet HTML 6Page - Renesas Technology Corp HD74HC137 Datasheet HTML 7Page - Renesas Technology Corp HD74HC137 Datasheet HTML 8Page - Renesas Technology Corp HD74HC137 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74HC137
Rev.2.00, Oct 11, 2005 page 4 of 9
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
4.0
40
µA Vin = VCC or GND, Iout = 0 µA


Similar Part No. - HD74HC137

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC137 HITACHI-HD74HC137 Datasheet
60Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
More results

Similar Description - HD74HC137

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HCT137 HITACHI-HD74HCT137 Datasheet
56Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HCT237 RENESAS-HD74HCT237 Datasheet
195Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HC137 HITACHI-HD74HC137 Datasheet
60Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC237 HITACHI-HD74HC237 Datasheet
57Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HCT137 RENESAS-HD74HCT137 Datasheet
197Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com