Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVC1G02 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ALVC1G02
Description  2-input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G02 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ALVC1G02 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.6.00, Jun.20.2005 page 1 of 7
HD74ALVC1G02
2-input NOR Gate
REJ03D0106–0600
Rev.6.00
Jun.20.2005
Description
The HD74ALVC1G02 has two–input NOR gate in a 5 pin package. Low voltage and high-speed operation is suitable
for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@VCC = 1.2 V)
±4 mA (@VCC = 1.4 V to 1.6 V)
±6 mA (@VCC = 1.65 V to 1.95 V)
±18 mA (@VCC = 2.3 V to 2.7 V)
±24 mA (@VCC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC1G02VSE
VSON-5 pin
PUSN0005KA-A
(TNP-5DV)
VS
E (3,000 pcs/reel)
Outline and Article Indication
• HD74ALVC1G02
Marking
= Control code
A
3
VSON-5


Similar Part No. - HD74ALVC1G02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74ALVC1G02VSE RENESAS-HD74ALVC1G02VSE Datasheet
78Kb / 10P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02_15 Datasheet
100Kb / 10P
   2-input NOR Gate
More results

Similar Description - HD74ALVC1G02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com