Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC245TELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74AC245TELL
Description  Octal Bi-directional Transceiver with 3-State Input/Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC245TELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74AC245TELL Datasheet HTML 1Page - Renesas Technology Corp HD74AC245TELL Datasheet HTML 2Page - Renesas Technology Corp HD74AC245TELL Datasheet HTML 3Page - Renesas Technology Corp HD74AC245TELL Datasheet HTML 4Page - Renesas Technology Corp HD74AC245TELL Datasheet HTML 5Page - Renesas Technology Corp HD74AC245TELL Datasheet HTML 6Page - Renesas Technology Corp HD74AC245TELL Datasheet HTML 7Page - Renesas Technology Corp HD74AC245TELL Datasheet HTML 8Page - Renesas Technology Corp HD74AC245TELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74AC245/HD74ACT245
Rev.2.00, Jul.16.2004, page 4 of 8
DC Characteristics: HD74ACT245
Ta = 25
°°°°C
Ta = –40 to
+85
°°°°C
Item
Sym-
bol
V
CC
(V)
min.
typ.
max.
min.
max.
Unit
Condition
4.5
2.0
1.5
2.0
V
IH
5.5
2.0
1.5
2.0
V
OUT = 0.1 V or VCC–0.1 V
4.5
1.5
0.8
0.8
Input voltage
V
IL
5.5
1.5
0.8
0.8
V
V
OUT = 0.1 V or VCC –0.1 V
4.5
4.4
4.49
4.4
5.5
5.4
5.49
5.4
V
IN = VIL or VIH
I
OUT = –50 µA
4.5
3.94
3.80
I
OH = –24 mA
V
OH
5.5
4.94
4.80
V
IN = VIL
I
OH = –24 mA
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
V
IN = VIL or VIH
I
OUT = 50 µA
4.5
0.32
0.37
I
OL = 24 mA
Output voltage
V
OL
5.5
0.32
0.37
V
V
IN = VIL
I
OL = 24 mA
Input current
I
IN
5.5
±0.1
±1.0
µAV
IN = VCC or GND
3 State current
I
OZ
5.5
±0.5
±5.0
µAV
IN = VIL, VIH
V
OUT = VCC or GND
I
CC/input current
I
CCT
5.5
0.6
1.5
mA
V
IN = VCC–2.1 V
I
OLD
5.5
86
mA
V
OLD = 1.1 V
Dynamic output
current*
I
OHD
5.5
–75
mA
V
OHD = 3.85 V
Quiescent supply
current
I
CC
5.5
8.0
80
µAV
IN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics: HD74AC245
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
5.0
8.5
1.0
9.0
ns
Data to output
5.0
1.0
3.5
6.5
1.0
7.0
Propagation delay
t
PHL
3.3
1.0
5.0
8.5
1.0
9.0
ns
Data to output
5.0
1.0
3.5
6.0
1.0
7.0
Output enable time
t
ZH
3.3
1.0
7.0
11.5
1.0
12.5
ns
5.0
1.0
5.0
8.5
1.0
9.0
Output enable time
t
ZL
3.3
1.0
7.5
12.0
1.0
13.5
ns
5.0
1.0
5.5
9.0
1.0
9.5
Output disable time
t
HZ
3.3
1.0
6.5
12.0
1.0
12.5
ns
5.0
1.0
5.5
9.0
1.0
10.0
Output disable time
t
LZ
3.3
1.0
7.0
11.5
1.0
13.0
ns
5.0
1.0
5.5
9.0
1.0
10.0
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V


Similar Part No. - HD74AC245TELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC245 HITACHI-HD74AC245 Datasheet
59Kb / 9P
   Octal Bidirectional Transceiver with 3-State Input/Output
More results

Similar Description - HD74AC245TELL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245 FAIRCHILD-74ABT245 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74AC245 HITACHI-HD74AC245 Datasheet
59Kb / 9P
   Octal Bidirectional Transceiver with 3-State Input/Output
logo
Motorola, Inc
SN54LS623 MOTOROLA-SN54LS623 Datasheet
70Kb / 3P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUT
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
NXP Semiconductors
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
   Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
logo
Maxwell Technologies
54LVTH245A MAXWELL-54LVTH245A Datasheet
188Kb / 9P
   3.3V ABT Octal Bus Transceiver with 3-State Output
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
   Octal transceiver (3-State)
November 15, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com