Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS10VS-9 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS10VS-9
Description  MITSUBISHI Nch POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS10VS-9 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS10VS-9 Datasheet HTML 1Page - Renesas Technology Corp FS10VS-9 Datasheet HTML 2Page - Renesas Technology Corp FS10VS-9 Datasheet HTML 3Page - Renesas Technology Corp FS10VS-9 Datasheet HTML 4Page - Renesas Technology Corp FS10VS-9 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
23
5 7 100
103
7
5
3
2
102
7
5
23
5 7 101
10–1
101
3
2
Tch = 25°C
VDD = 200V
VGS = 10V
RGEN = RGS = 50
tf
td(off)
tr
td(on)
23 5 7 102
103
7
5
3
2
102
7
5
3
2
101
2
23 5 7 101
23 5 7 100
23
7
5
Ciss
Tch = 25°C
f = 1MHz
VGS = 0V
Coss
Crss
40
32
24
16
8
0
0
4
8
12
16
20
ID = 15A
TC = 25°C
Pulse Test
10A
5A
20
16
12
8
4
0
0
4
8
12
16
20
TC = 25°C
VDS = 50V
Pulse Test
101
7
5
3
2
10–1
10–1
23
5 7 100
100
7
5
3
2
23
5 7 101
TC=25°C
VDS = 10V
Pulse Test
125°C
75°C
0
23
10–1
57 100 23 5 7 101 23 5 7 102
2.0
1.6
1.2
0.8
0.4
TC = 25°C
Pulse Test
VGS = 10V
20V
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
MITSUBISHI Nch POWER MOSFET
FS10VS-9
HIGH-SPEED SWITCHING USE


Similar Part No. - FS10VS-9

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS10VS-9 MITSUBISHI-FS10VS-9 Datasheet
42Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS10VS-9 POWEREX-FS10VS-9 Datasheet
47Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS10VS-9 ISC-FS10VS-9 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS10VS-9A RENESAS-FS10VS-9A Datasheet
206Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
logo
Inchange Semiconductor ...
FS10VS-9A ISC-FS10VS-9A Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FS10VS-9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS5UM-10 RENESAS-FS5UM-10 Datasheet
83Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS16SM-6 RENESAS-FS16SM-6 Datasheet
84Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS3VS-9 RENESAS-FS3VS-9 Datasheet
81Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS5VS-9 RENESAS-FS5VS-9 Datasheet
81Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS10SM-9 RENESAS-FS10SM-9 Datasheet
84Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS16UM-9 RENESAS-FS16UM-9 Datasheet
82Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS10KM-3 RENESAS-FS10KM-3 Datasheet
80Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS50ASJ-03 RENESAS-FS50ASJ-03 Datasheet
78Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS50SMJ-03 RENESAS-FS50SMJ-03 Datasheet
81Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS70UMJ-03 RENESAS-FS70UMJ-03 Datasheet
96Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS70VSJ-03 RENESAS-FS70VSJ-03 Datasheet
78Kb / 5P
   MITSUBISHI Nch POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com