Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC126 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC126
Description  Quad. Bus Buffer Gates (with 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC126 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC126 Datasheet HTML 1Page - Renesas Technology Corp HD74HC126 Datasheet HTML 2Page - Renesas Technology Corp HD74HC126 Datasheet HTML 3Page - Renesas Technology Corp HD74HC126 Datasheet HTML 4Page - Renesas Technology Corp HD74HC126 Datasheet HTML 5Page - Renesas Technology Corp HD74HC126 Datasheet HTML 6Page - Renesas Technology Corp HD74HC126 Datasheet HTML 7Page - Renesas Technology Corp HD74HC126 Datasheet HTML 8Page - Renesas Technology Corp HD74HC126 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Oct 11, 2005 page 1 of 8
HD74HC125/HD74HC126
Quad. Bus Buffer Gates (with 3-state outputs)
REJ03D0565-0200
(Previous ADE-205-439)
Rev.2.00
Oct 11, 2005
Description
The HD74HC125, HD74HC126 require the 3-state control input C to be taken high to put the output into the high
impedance condition, whereas the HD74HC125, HD74HC126 requires the control input to be low to put the output into
high impedance.
Features
• High Speed Operation: t
pd = 8 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC125P
HD74HC126P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
HD74HC125FPEL
HD74HC125FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC126RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
HD74HC125TELL
HD74HC126TELL
TSSOP-14 pin
PTSP0014JA-B
(TTP-14DV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
C
Y
HC125
HC126
A
HC125
HC126
H
L
X
Z
Z
L
H
L
L
L
L
H
H
H
H
H :
High level
L :
Low level
X :
Irrelevant
Z :
Off (high-impedance) state of a 3-state output.


Similar Part No. - HD74HC126

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC126 HITACHI-HD74HC126 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC126FPEL RENESAS-HD74HC126FPEL Datasheet
145Kb / 11P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74HC126P RENESAS-HD74HC126P Datasheet
145Kb / 11P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74HC126RPEL RENESAS-HD74HC126RPEL Datasheet
145Kb / 11P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74HC126TELL RENESAS-HD74HC126TELL Datasheet
145Kb / 11P
   Quad. Bus Buffer Gates (with 3-state outputs)
More results

Similar Description - HD74HC126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com