Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC125FPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74AC125FPEL
Description  Quad Buffer/Line Driver with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC125FPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74AC125FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC125FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC125FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC125FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC125FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC125FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC125FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC125FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC125FPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74AC125/HD74ACT125
Rev.3.00, Nov.12.2004, page 4 of 8
DC Characteristics: HD74ACT125
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Sym-
bol
VCC
(V)
min.
typ.
max.
min.
max.
Unit
Condition
4.5
2.0
1.5
2.0
VIH
5.5
2.0
1.5
2.0
VOUT = 0.1 V or VCC–0.1 V
4.5
1.5
0.8
0.8
Input voltage
VIL
5.5
1.5
0.8
0.8
V
VOUT = 0.1 V or VCC –0.1 V
4.5
4.4
4.49
4.4
5.5
5.4
5.49
5.4
VIN = VIL or VIH
IOUT = –50
µA
4.5
3.94
3.80
IOH = –24 mA
VOH
5.5
4.94
4.80
VIN = VIL
IOH = –24 mA
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
VIN = VIL or VIH
IOUT = 50
µA
4.5
0.32
0.37
IOL = 24 mA
Output voltage
VOL
5.5
0.32
0.37
V
VIN = VIL
IOL = 24 mA
Input current
IIN
5.5
±0.1
±1.0
µA
VIN = VCC or GND
3 State current
IOZ
5.5
±0.5
±5.0
µA
VIN = VIL, VIH
VOUT = VCC or GND
ICC/input current
ICCT
5.5
0.6
1.5
mA
VIN = VCC–2.1 V
IOLD
5.5
86
mA
VOLD = 1.1 V
Dynamic output
current*
IOHD
5.5
–75
mA
VOHD = 3.85 V
Quiescent supply
current
ICC
5.5
8.0
80
µA
VIN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics: HD74AC125
Ta = +25°C
CL = 50 pF
Ta = –40°C to +85°C
CL = 50 pF
Item
Symbol
VCC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
tPLH
3.3
1.0
6.5
9.0
1.0
10.0
ns
5.0
1.0
5.5
7.0
1.0
7.5
Propagation delay
tPHL
3.3
1.0
6.5
9.0
1.0
10.0
5.0
1.0
5.0
7.0
1.0
7.5
Enable time
tZH
3.3
1.0
6.0
10.5
1.0
11.0
5.0
1.0
5.0
7.0
1.0
8.0
Enable time
tZL
3.3
1.0
7.5
10.0
1.0
11.0
5.0
1.0
5.5
8.0
1.0
8.5
Disable time
tHZ
3.3
1.0
7.0
10.0
1.0
10.5
5.0
1.0
6.5
9.0
1.0
9.5
Disable time
tLZ
3.3
1.0
7.5
10.5
1.0
11.5
5.0
1.0
6.5
9.0
1.0
9.5
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V


Similar Part No. - HD74AC125FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC125 HITACHI-HD74AC125 Datasheet
51Kb / 8P
   Quad Buffer/Line Driver with 3-State Output
More results

Similar Description - HD74AC125FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC126 HITACHI-HD74AC126 Datasheet
47Kb / 8P
   Quad Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC126 RENESAS-HD74AC126 Datasheet
188Kb / 7P
   Quad Buffer/Line Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC125 HITACHI-HD74AC125 Datasheet
51Kb / 8P
   Quad Buffer/Line Driver with 3-State Output
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com