Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38064ECDFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38064ECDFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38064ECDFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38064ECDFP Datasheet HTML 2Page - Renesas Technology Corp M38064ECDFP Datasheet HTML 3Page - Renesas Technology Corp M38064ECDFP Datasheet HTML 4Page - Renesas Technology Corp M38064ECDFP Datasheet HTML 5Page - Renesas Technology Corp M38064ECDFP Datasheet HTML 6Page - Renesas Technology Corp M38064ECDFP Datasheet HTML 7Page - Renesas Technology Corp M38064ECDFP Datasheet HTML 8Page - Renesas Technology Corp M38064ECDFP Datasheet HTML 9Page - Renesas Technology Corp M38064ECDFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
5
MITSUBISHI MICROCOMPUTERS
3806 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Function
• 8-bit I/O port with the same function as port P0
• CMOS compatible input level
• N-channel open-drain output structure
• 8-bit CMOS I/O port with the same function as port P0
• CMOS compatible input level
• CMOS 3-state output structure
Pin
P70/SIN2,
P71/SOUT2,
P72/SCLK2,
_____
P73/SRDY2
P74 – P77
P80 – P87
Name
I/O port P7
I/O port P8
Function except a port function
• Serial I/O2 I/O pins
PIN DESCRIPTION (Continued)
M3806 3 M 6 - XXX FP
Product
Package type
FP : 80P6N-A package
GP : 80P6S-A package
FS : 80D0 package
ROM number
Omitted in some types.
ROM/PROM size
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
The first 128 bytes and the last 2 bytes of ROM
are reserved areas ; they cannot be used.
Memory type
M
E
: Mask ROM version
: EPROM or One Time PROM version
RAM size
0
1
2
3
4
5
6
7
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: 768 bytes
: 896 bytes
: 1024 bytes
Normally, using hyphen
When electrical characteristic, or division of quality
identification code using alphanumeric character
– : standard
D : Extended operating temperature version
A : High-speed version
PART NUMBERING


Similar Part No. - M38064ECDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38064EC-XXXFP RENESAS-M38064EC-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38064EC-XXXFP RENESAS-M38064EC-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38064EC-XXXFS RENESAS-M38064EC-XXXFS Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38064ECH-XXXSS RENESAS-M38064ECH-XXXSS Datasheet
1Mb / 101P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38064ECXXXFP RENESAS-M38064ECXXXFP Datasheet
1Mb / 75P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38064ECDFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com