Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC00 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74AC00
Description  Quad 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC00 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74AC00 Datasheet HTML 1Page - Renesas Technology Corp HD74AC00 Datasheet HTML 2Page - Renesas Technology Corp HD74AC00 Datasheet HTML 3Page - Renesas Technology Corp HD74AC00 Datasheet HTML 4Page - Renesas Technology Corp HD74AC00 Datasheet HTML 5Page - Renesas Technology Corp HD74AC00 Datasheet HTML 6Page - Renesas Technology Corp HD74AC00 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74AC00
Rev.2.00, Jul.16.2004, page 3 of 6
AC Characteristics
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
7.0
9.5
1.0
10.0
ns
5.0
1.0
6.0
8.0
1.0
8.5
Propagation delay
t
PHL
3.3
1.0
5.5
8.0
1.0
8.5
ns
5.0
1.0
4.5
6.5
1.0
7.0
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
30.0
pF
V
CC = 5.0 V


Similar Part No. - HD74AC00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC00 HITACHI-HD74AC00 Datasheet
43Kb / 7P
   Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00FPEL RENESAS-HD74AC00FPEL Datasheet
120Kb / 9P
   Quad 2-Input NAND Gate
HD74AC00P RENESAS-HD74AC00P Datasheet
120Kb / 9P
   Quad 2-Input NAND Gate
HD74AC00RPEL RENESAS-HD74AC00RPEL Datasheet
120Kb / 9P
   Quad 2-Input NAND Gate
HD74AC00TELL RENESAS-HD74AC00TELL Datasheet
120Kb / 9P
   Quad 2-Input NAND Gate
More results

Similar Description - HD74AC00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com