Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC108 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC108
Description  Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC108 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC108 Datasheet HTML 1Page - Renesas Technology Corp HD74HC108 Datasheet HTML 2Page - Renesas Technology Corp HD74HC108 Datasheet HTML 3Page - Renesas Technology Corp HD74HC108 Datasheet HTML 4Page - Renesas Technology Corp HD74HC108 Datasheet HTML 5Page - Renesas Technology Corp HD74HC108 Datasheet HTML 6Page - Renesas Technology Corp HD74HC108 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC108
Rev.2.00, Oct 11, 2005 page 4 of 6
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
6
5
4.5
30
24
Maximum clock
frequency
fmax
6.0
35
28
MHz
2.0
150
190
4.5
20
30
38
6.0
26
33
ns
Clock to Q or
Q
2.0
140
175
4.5
18
28
35
6.0
24
30
ns
Clear to Q or
Q
2.0
140
175
4.5
16
28
35
Propagation delay
time
tPLH, tPHL
6.0
24
30
ns
Preset to Q or
Q
2.0
80
100
4.5
16
7
20
Pulse width
tw
6.0
14
17
ns
2.0
100
125
4.5
20
2
25
Setup time
tsu
6.0
17
21
ns
2.0
5
5
4.5
5
–1
5
Hold time
th
6.0
5
5
ns
2.0
100
125
4.5
20
–2
25
Removal time
trem
6.0
17
21
ns
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH, tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
Clock
VCC
Zout = 50
Input
Zout = 50
Input
CL = 50 pF
Output
CL = 50 pF
Output
Q
Q
J
K
Note: C includes the probe and jig capacitance.
L
Pulse generator
Pulse generator
Clear
Preset


Similar Part No. - HD74HC108

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
More results

Similar Description - HD74HC108

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC78 HITACHI-HD74HC78 Datasheet
59Kb / 10P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74LS78A HITACHI-HD74LS78A Datasheet
71Kb / 6P
   Dual J-K Flip-Flops(with Preset, Common Clear, and Common Clock)
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Texas Instruments
SN54LS78A TI-SN54LS78A Datasheet
87Kb / 5P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
SN74H78 TI-SN74H78 Datasheet
353Kb / 8P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
logo
Hitachi Semiconductor
HD74HC114 HITACHI-HD74HC114 Datasheet
49Kb / 8P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74LS78A RENESAS-HD74LS78A Datasheet
182Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear, and Common Clock)
HD74HC78 RENESAS-HD74HC78 Datasheet
105Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Hitachi Semiconductor
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com