Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M16CE6-XXXSP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M16CE6-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16CE6-XXXSP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M16CE6-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M16CE6-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M16CE6-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M16CE6-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M16CE6-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M16CE6-XXXSP Datasheet HTML 9Page - Renesas Technology Corp M16CE6-XXXSP Datasheet HTML 10Page - Renesas Technology Corp M16CE6-XXXSP Datasheet HTML 11Page - Renesas Technology Corp M16CE6-XXXSP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 172 page
background image
Pin Description
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
7
VCC, VSS
CNVSS
XIN
XOUT
AVCC
AVSS
VREF
P00 to P07
P10 to P17
P30 to P35
P40 to P45
Signal name
Power supply
input
CNVSS
Reset input
Clock input
Clock output
Analog power
supply input
Reference
voltage input
I/O port P0
I/O port P1
I/O port P3
I/O port P4
Supply 2.7 to 5.5 V to the VCC pin. Supply 0 V to the VSS pin.
Function
Connect it to the VSS pin.
A “L” on this input resets the microcomputer.
These pins are provided for the main clock generating circuit.
Connect a ceramic resonator or crystal between the XIN and the
XOUT pins. To use an externally derived clock, input it to the
XIN pin and leave the XOUT pin open.
This pin is a power supply input for the A-D converter. Connect
it to VCC.
This pin is a power supply input for the A-D converter. Connect
it to VSS.
This pin is a reference voltage input for the A-D converter.
This is an 8-bit CMOS I/O port. It has an input/output port
direction register that allows the user to set each pin for input or
output individually. When set for input, the user can specify in
units of four bits via software whether or not they are tied to a
pull-up resistor.
This is an 8-bit I/O port equivalent to P0.
This is a 6-bit I/O port equivalent to P0.
This is a 6-bit I/O port equivalent to P0. The P40 pin is shared
with timer A0 input and serial I/O output TxD1. The P41 pin is
shared with timer A0 output. The P42 pin is shared with serial
I/O input RxD1. The P43 pin is shared with external interrupt
INT0 and timer X0 input/output TX0INOUT. The P44 pin is
shared with external interrupt INT1 and timer X1 input/output
TX1INOUT. The P45 pin is shared with timer X2 input/output
TX2INOUT.
Pin name
Input
Input
Input
Output
Input
Input/output
Input/output
I/O type
Analog power
supply input
Input/output
Input/output
RESET
I/O port P5
Input/output
Input/output
Input/output
I/O port P6
I/O port P7
P50 to P54
P60 to P67
P70 to P71
This is a 5-bit I/O port equivalent to P0. The P50, P51, P52, and
P53 pins are shared with serial I/O pins TxD0, RxD0, CLK0,
and CLKS. The P54 pin is shared with clock output CLKOUT.
Also, these pins are shared with analog input pins AN50
through AN54.
This is an 8-bit I/O port equivalent to P0. These pins are shared
with analog input pins AN0 through AN7.
This is a 2-bit I/O port equivalent to P0 . These pins are used
for input/output to and from the oscillator circuit for the clock.
Connect a crystal oscillator between the XCIN and the XCOUT
pins.
Pin Description


Similar Part No. - M16CE6-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M16C MITSUBISHI-M16C Datasheet
5Mb / 349P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C MITSUBISHI-M16C Datasheet
3Mb / 262P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M16C RENESAS-M16C Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
M16C-100PIN-FP RENESAS-M16C-100PIN-FP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - M16CE6-XXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com