Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3021E8MC-AXXXFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M3021E8MC-AXXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3021E8MC-AXXXFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M3021E8MC-AXXXFP Datasheet HTML 3Page - Renesas Technology Corp M3021E8MC-AXXXFP Datasheet HTML 4Page - Renesas Technology Corp M3021E8MC-AXXXFP Datasheet HTML 5Page - Renesas Technology Corp M3021E8MC-AXXXFP Datasheet HTML 6Page - Renesas Technology Corp M3021E8MC-AXXXFP Datasheet HTML 7Page - Renesas Technology Corp M3021E8MC-AXXXFP Datasheet HTML 8Page - Renesas Technology Corp M3021E8MC-AXXXFP Datasheet HTML 9Page - Renesas Technology Corp M3021E8MC-AXXXFP Datasheet HTML 10Page - Renesas Technology Corp M3021E8MC-AXXXFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 179 page
background image
Mitsubishi microcomputers
M30218 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Pin Description
6
Pin Description
VCC, VSS
CNVSS
XIN
XOUT
AVCC
AVSS
VEE
P00/FLD16 to
P07/FLD23
P10/FLD24 to
P17/FLD31
P20/FLD32 to
P27/FLD39
P30/FLD40 to
P37/FLD47
P40/FLD48 to
P47/FLD56
Signal name
Power supply
input
CNVSS
Reset input
Clock input
Clock output
Analog power
supply input
pull-down
power source
Output port P0
Output port P1
Output port P2
I/O port P3
I/O port P4
Supply 2.7V(Note1) to 5.5 V to the VCC pin. Supply 0 V to the VSS pin.
Connect a bypass capacitor across the VCC pin and VSS pin.
Function
Connect it to the VSS pin.
A “L” on this input resets the microcomputer.
These pins are provided for the main clock generating circuit.Connect
a ceramic resonator or crystal between the XIN and the XOUT pins. To
use an externally derived clock, input it to the XIN pin and leave the
XOUT pin open.
This pin is a power supply input for the A-D converter. Connect this
pin to VCC.
This pin is a power supply input for the A-D converter. Connect this
pin to VSS.
This is an 8-bit CMOS output port and high-breakdown-voltage P-
channel open-drain output structure. A pull-down resistor is built in
between port P0 and VEE pin. At reset, this port is set to VEE level. P0
function as FLD controller output pins as selected by software.
This is an 8-bit output port equivalent to P0. Pins in this port also
function as FLD controller output pins as selected by software.
This is an 8-bit output port equivalent to P0. A pull-down resistor is not
built in between P2 and VEE pin. Pins in this port also function as FLD
controller output pins as selected by software.
This is an 8-bit I/O port. A pull-down resistor is not built in between P3
and VEE pin. It has an input/output port direction register that allows the
user to set each pin for input or output. This is low-voltage input level,
and high-breakdown-voltage P-channel open-drain output structure.
Pins in this port also function as FLD controller output pins as selected
by software.
This is an 8-bit I/O port equivalent to P3. This is low-voltage input level.
P40 to P43 is high-breakdown-voltage P-channel open-drain output
structure, P44 to P47 is CMOS output. A pull-down resistor is not built
in between P4(P40 to P43) and VEE pin. Pins in this port also function
as FLD controller output pins as selected by software. P44 to P47 also
function as UART0 I/O pins as selected by software. When set for
input, the user can specify in units of four bits by software whether or
not they are tied to a pull-up resistor.
Pin name
Input
Input
Input
Output
Output
Output
Output
I/O type
Analog power
supply input
Input/output
Input/output
RESET
VREF
This pin is a reference voltage input for the A-D converter.
Input
Reference
voltage input
Apply voltage supplied to pull-down resistors of ports P0 to P1,P5,P6.
P50/FLD8 to
P57/FLD15
Output port P5
This is an 8-bit output port equivalent to P0. Pins in this port also
function as FLD controller output pins as selected by software.
Output
P60/FLD0 to
P67/FLD7
Output port P6
This is an 8-bit output port equivalent to P0. Pins in this port also
function as FLD controller output pins as selected by software.
Output


Similar Part No. - M3021E8MC-AXXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
   M30218 Group
logo
Renesas Technology Corp
M30218 RENESAS-M30218 Datasheet
4Mb / 469P
   16-BIT SINGLE-CHIP MICROCOMPUTER
M30218 RENESAS-M30218_01 Datasheet
4Mb / 469P
   16-BIT SINGLE-CHIP MICROCOMPUTER
logo
E-SWITCH
M302196 E-SWITCH-M302196 Datasheet
34Kb / 1P
   All Dimension In MM
More results

Similar Description - M3021E8MC-AXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com