Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD26C31FPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD26C31FPEL
Description  Quadruple Differential Line Drivers With 3 State Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26C31FPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD26C31FPEL Datasheet HTML 1Page - Renesas Technology Corp HD26C31FPEL Datasheet HTML 2Page - Renesas Technology Corp HD26C31FPEL Datasheet HTML 3Page - Renesas Technology Corp HD26C31FPEL Datasheet HTML 4Page - Renesas Technology Corp HD26C31FPEL Datasheet HTML 5Page - Renesas Technology Corp HD26C31FPEL Datasheet HTML 6Page - Renesas Technology Corp HD26C31FPEL Datasheet HTML 7Page - Renesas Technology Corp HD26C31FPEL Datasheet HTML 8Page - Renesas Technology Corp HD26C31FPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HD26C31
Rev.2.00, Jul.16.2004, page 3 of 11
Recommended Operating Conditions
(Ta = –40°C to +85°C)
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.5
5.0
5.5
V
Input Voltage
V
IN
0—
V
CC
V
Output Voltage
V
OUT
0—
V
CC
V
Operating Temperature
Ta
–40
25
85
°C
Input Rise/Fall Time*1
t
r, tf
500
ns
Note:
1. This guarantees maximum limit when one input switches.
Logic Diagram
1Y
1Z
1A
2Y
2Z
2A
3Y
3Z
3A
4Y
4Z
4A
Enable G
Enable G


Similar Part No. - HD26C31FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26C31 HITACHI-HD26C31 Datasheet
87Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
More results

Similar Description - HD26C31FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26C31 HITACHI-HD26C31 Datasheet
87Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C32A RENESAS-HD26C32A_04 Datasheet
184Kb / 13P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26LS31 RENESAS-HD26LS31 Datasheet
169Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
   Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com