Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30220FA-XXXGP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M30220FA-XXXGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30220FA-XXXGP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M30220FA-XXXGP Datasheet HTML 2Page - Renesas Technology Corp M30220FA-XXXGP Datasheet HTML 3Page - Renesas Technology Corp M30220FA-XXXGP Datasheet HTML 4Page - Renesas Technology Corp M30220FA-XXXGP Datasheet HTML 5Page - Renesas Technology Corp M30220FA-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M30220FA-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M30220FA-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M30220FA-XXXGP Datasheet HTML 9Page - Renesas Technology Corp M30220FA-XXXGP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 221 page
background image
Mitsubishi microcomputers
M30220 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
5
Mitsubishi plans to release the following products in the M30220 group:
(1) Support for mask ROM version, flash memory version
(2) ROM capacity
(3) Package
144P6Q-A
: Plastic molded QFP (mask ROM and flash memory versions)
144PFB-A
: Plastic molded QFP(mask ROM and flash memory versions)
Figure 1.1.3 shows the ROM expansion and figure 1.1.4 shows the Type No., memory size, and package.
Figure 1.1.3. Memory expansion
6K
RAM
(Byte)
96K
ROM
(Byte)
M30220MA-XXXGP/RP
128K
10K
M30220FCGP/RP
Under development
Dec. 2001
Figure 1.1.4. Type No., memory size, and package
Type No. M30 22 0 M A
- XXX GP
Package type:
GP:
Package144P6Q-A
RP:
144PFB-A
ROM capacity:
8 : 64K bytes
C : 128K bytes
A : 96K bytes
ROM No.
Omitted for flash memory version
Memory type:
M : Mask ROM version
F : Flash memory version
Shows RAM capacity, pin count, etc.
(The value itself has no specific meaning)
M16C/22 Group(built-in LCDC)
M16C Family
Shows characteristic, use
None: General


Similar Part No. - M30220FA-XXXGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30220 MITSUBISHI-M30220 Datasheet
2Mb / 212P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
E-SWITCH
M302200 E-SWITCH-M302200 Datasheet
34Kb / 1P
   All Dimension In MM
M302201 E-SWITCH-M302201 Datasheet
28Kb / 1P
   All Dimension In MM
M302202 E-SWITCH-M302202 Datasheet
35Kb / 1P
   All Dimension In MM
M302204 E-SWITCH-M302204 Datasheet
34Kb / 1P
   All Dimension In MM
More results

Similar Description - M30220FA-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com