Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30201EST-XXXSP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M30201EST-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201EST-XXXSP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M30201EST-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M30201EST-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M30201EST-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M30201EST-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M30201EST-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M30201EST-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M30201EST-XXXSP Datasheet HTML 9Page - Renesas Technology Corp M30201EST-XXXSP Datasheet HTML 10Page - Renesas Technology Corp M30201EST-XXXSP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
6
Mitsubishi plans to release the following products in the M30201 group:
(1) Support for mask ROM version and flash memory version
(2) ROM capacity
(3) Package
52P4B
: Plastic molded SDIP (mask ROM version and flash memory version)
56P6S-A
: Plastic molded QFP (mask ROM version and flash memory version)
RAM Size
(Byte)
1K
16K
32K
M30201M4-XXXSP/FP
M30201M4T-XXXFP
512
ROM Size
(Byte)
2K
M30201F6SP/FP
M30201F6TFP
M30201M6-XXXFP
M30201M6T-XXXFP
48K
Figure 1.4. ROM expansion
Apr. 2001
Package type:
SP : Package
52P4B
FP : Package
56P6S-A
ROM No.
Omitted for flash memory version
Shows difference of characteristics
and usage etc:
Nothing : Common
T
: Automobiles
Memory type:
M : Mask ROM version
F : Flash memory version
Type No.
M 3 0 2 0 1 M 4 T – X X X S P
M30201 Group
M16C Family
Shows pin count, etc
(The value itself has no specific meaning)
ROM capacity:
4 : 32K bytes
6 : 48K bytes
Figure 1.5. Type No., memory size, and package


Similar Part No. - M30201EST-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30201 MITSUBISHI-M30201 Datasheet
2Mb / 159P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30201 RENESAS-M30201 Datasheet
5Mb / 415P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
logo
Mitsubishi Electric Sem...
M30201F2-XXXFP MITSUBISHI-M30201F2-XXXFP Datasheet
2Mb / 159P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201F2-XXXSP MITSUBISHI-M30201F2-XXXSP Datasheet
2Mb / 159P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201F2T-XXXFP MITSUBISHI-M30201F2T-XXXFP Datasheet
2Mb / 159P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30201EST-XXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com