Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV0190 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV0190
Description  DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0190 Datasheet(HTML) 5 Page - STMicroelectronics

  STV0190 Datasheet HTML 1Page - STMicroelectronics STV0190 Datasheet HTML 2Page - STMicroelectronics STV0190 Datasheet HTML 3Page - STMicroelectronics STV0190 Datasheet HTML 4Page - STMicroelectronics STV0190 Datasheet HTML 5Page - STMicroelectronics STV0190 Datasheet HTML 6Page - STMicroelectronics STV0190 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CLOCK OUT
S IGNAL
DIGITAL
S IGNAL
ANALO G
S IGNAL
t
APER
t
PD
t
V
t
CL
N
N+1
N+2
Da ta
for N
Da ta
for N+1
Da ta
for N+2
t
S KEW
Note : This diagram shows a delay of one clock cycle. Additionnal integer multiple delay periods are acceptable. Output data must be valid on
the rising edge of the clock out signal.
Figure 1 : Timing Diagram
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CLOCK OUTPUT
VOH
High Ouput Voltage
2.4
VCC
V
VOL
Low Output Voltage
0
0.4
V
IOH
High Output Current
-4
mA
IOL
Low Output Current
4
mA
Clock Duty Cycle
40
60
%
tCL
Clock Period
24
ns
REFERENCE LADDER
Top Voltage
VCC - 0.5
V
Bottom Voltage
VCC + 0.5
V
DC Bias Restoration Error
Open input digital output
should be
32/64
011111
33/64
100000
ZVTOP/VBOT
Input Impedance
90
CROSSTALK
Isolation A/B
37
dB
DC ACCURACY
Integral non Lin.
-0.5
+0.5
LSB
Diff. Non Lin.
-0.5
+0.5
LSB
AC ACCURACY (fIN = 10MHz, FS = 40 MSPS, VIN = 95% FSCALE)
Effective Number of Bit
5
bits
SNR
33
dB
THD
THD First 5 Harmony
33
dB
Integral non Lin.
-1
+1
LSB
A/D Amplifier Response Mismatching
0.2
dB
STV0190
5/7


Similar Part No. - STV0190

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0196 STMICROELECTRONICS-STV0196 Datasheet
236Kb / 23P
   QPSK/BPSK DEMODULATOR AND FEC IC
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
   QPSK/BPSK DEMODULATOR AND FEC IC
More results

Similar Description - STV0190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com