Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVL133A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVL133A
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL133A Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVL133A_06 Datasheet HTML 1Page - Renesas Technology Corp HVL133A_06 Datasheet HTML 2Page - Renesas Technology Corp HVL133A_06 Datasheet HTML 3Page - Renesas Technology Corp HVL133A_06 Datasheet HTML 4Page - Renesas Technology Corp HVL133A_06 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVL133A
Rev.2.00 Jan 12, 2006 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
30
V
Power dissipation
Pd
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
VR
30
V
IR = 1
µA
Reverse current
IR
100
nA
VR = 25 V
Forward voltage
VF
0.85
V
IF = 2 mA
C1
1.00
VR = 1 V, f = 1 MHz
Capacitance
C6
0.90
pF
VR = 6 V, f = 1 MHz
Forward resistance
rf
0.55
0.70
IF = 2 mA, f = 100 MHz
Note
: For EFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.


Similar Part No. - HVL133A_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVL133A RENESAS-HVL133A Datasheet
63Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results

Similar Description - HVL133A_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD131 RENESAS-HVD131 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KN RENESAS-RKP200KN Datasheet
157Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KJ RENESAS-RKP301KJ Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC133A RENESAS-HVC133A Datasheet
159Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVD142 HITACHI-HVD142 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Renesas Technology Corp
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC132 RENESAS-HVC132 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com