Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVD372B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVD372B
Description  Variable Capacitance Diode for VCO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVD372B Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVD372B Datasheet HTML 1Page - Renesas Technology Corp HVD372B Datasheet HTML 2Page - Renesas Technology Corp HVD372B Datasheet HTML 3Page - Renesas Technology Corp HVD372B Datasheet HTML 4Page - Renesas Technology Corp HVD372B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVD372B
Rev.2.00 Jan 31, 2006 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
10
VR = 15 V
Reverse current
IR2
100
nA
VR = 15 V, Ta = 60
°C
C1
15.0
17.0
VR = 1 V, f = 1 MHz
Capacitance
C4
7.00
8.50
pF
VR = 4 V, f = 1 MHz
Capacitance ratio
n
2.00
C1 / C4
Series resistance
rS
0.40
VR = 1 V, f = 470 MHz
Note
: For SFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.


Similar Part No. - HVD372B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD372B RENESAS-HVD372B Datasheet
141Kb / 5P
   Variable Capacitance Diode for VCO
logo
Guangdong Kexin Industr...
HVD372B KEXIN-HVD372B Datasheet
32Kb / 1P
   1Variable Capacitance Diode for VCO
logo
Zhaoxingwei Electronics...
HVD372B ZHAOXINGWEI-HVD372B Datasheet
43Kb / 1P
   Variable Capacitance Diode for VCO
More results

Similar Description - HVD372B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC372B HITACHI-HVC372B Datasheet
24Kb / 5P
   Variable Capacitance Diode for VCO
logo
Leshan Radio Company
HVC369B LRC-HVC369B Datasheet
41Kb / 2P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVL400C RENESAS-HVL400C Datasheet
50Kb / 5P
   Variable Capacitance Diode for VCO
HVL375B RENESAS-HVL375B Datasheet
65Kb / 5P
   Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD369B HITACHI-HVD369B Datasheet
35Kb / 5P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC386B RENESAS-HVC386B Datasheet
139Kb / 5P
   Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD355B HITACHI-HVD355B Datasheet
36Kb / 5P
   Variable Capacitance Diode for VCO
HVC379B HITACHI-HVC379B Datasheet
20Kb / 5P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVD350B RENESAS-HVD350B Datasheet
141Kb / 5P
   Variable Capacitance Diode for VCO
HVC381B RENESAS-HVC381B Datasheet
140Kb / 5P
   Variable Capacitance Diode for VCO
HVC397C RENESAS-HVC397C Datasheet
36Kb / 5P
   Variable Capacitance Diode for VCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com