Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37753M8C-XXXHP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M37753M8C-XXXHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37753M8C-XXXHP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M37753M8C-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M37753M8C-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M37753M8C-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M37753M8C-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M37753M8C-XXXHP Datasheet HTML 10Page - Renesas Technology Corp M37753M8C-XXXHP Datasheet HTML 11Page - Renesas Technology Corp M37753M8C-XXXHP Datasheet HTML 12Page - Renesas Technology Corp M37753M8C-XXXHP Datasheet HTML 13Page - Renesas Technology Corp M37753M8C-XXXHP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
9
MITSUBISHI MICROCOMPUTERS
M37753M8C-XXXFP, M37753M8C-XXXHP
M37753S4CFP, M37753S4CHP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
STACK POINTER (S)
Stack pointer (S) is a 16-bit register. It is used during a subroutine
call or interrupts. It is also used during stack, stack pointer relative,
or stack pointer relative indirect indexed Y addressing mode.
PROGRAM COUNTER (PC)
Program counter (PC) is a 16-bit counter that indicates the low-order
16 bits of the next program memory address to be executed. There
is a bus interface unit between the program memory and the CPU,
so that the program memory is accessed through bus interface unit.
This is described later.
PROGRAM BANK REGISTER (PG)
Program bank register is an 8-bit register that indicates the high-or-
der 8 bits of the next program memory address to be executed. When
a carry occurs by incrementing the contents of the program counter,
the contents of the program bank register (PG) is increased by 1.
Also, when a carry or borrow occurs after adding or subtracting the
offset value to or from the contents of the program counter (PC) us-
ing the branch instruction, the contents of the program bank register
(PG) is increased or decreased by 1, so that programs can be writ-
ten without worrying about bank boundaries.
DATA BANK REGISTER (DT)
Data bank register (DT) is an 8-bit register. With some addressing
modes, the data bank register (DT) is used to specify a part of the
memory address. The contents of data bank register (DT) is used as
the high-order 8 bits of a 24-bit address. Addressing modes that use
the data bank register (DT) are direct indirect, direct indexed X indi-
rect, direct indirect indexed Y, absolute, absolute bit, absolute in-
dexed X, absolute indexed Y, absolute bit relative, and stack pointer
relative indirect indexed Y.
DIRECT PAGE REGISTER (DPR)
Direct page register (DPR) is a 16-bit register. Its contents is used as
the base address of a 256-byte direct page area. The direct page
area is allocated in bank 016, but when the contents of DPR is
FF0116 or greater, the direct page area spans across bank 016 and
bank 116. All direct addressing modes use the contents of the direct
page register (DPR) to generate the data address. If the low-order 8
bits of the direct page register (DPR) is “0016”, the number of cycles
required to generate an address is minimized.
Normally the low-order 8 bits of the direct page register (DPR) is set
to “0016”.
PROCESSOR STATUS REGISTER (PS)
Processor status register (PS) is an 11-bit register. It consists of a
flag to indicate the result of operation and CPU interrupt levels.
Branch operations can be performed by testing the flags C, Z, V, and
N.
The details of each bit of the processor status register are described
below.
1. Carry flag (C)
The carry flag contains the carry or borrow generated by the ALU af-
ter an arithmetic operation. This flag is also affected by shift and ro-
tate instructions. This flag can be set and reset directly with the SEC
and CLC instructions or with the SEP and CLP instructions.
2. Zero flag (Z)
The zero flag is set if the result of an arithmetic operation or data
transfer is zero and reset if it is not. This flag can be set and reset
directly with the SEP and CLP instructions.
3. Interrupt disable flag (I)
When the interrupt disable flag is set to “1”, all interrupts except
___
watchdog timer, DBC, and software interrupt are disabled. This flag
is set to “1” automatically when there is an interrupt. It can be set and
reset directly with the SEI and CLI instructions or SEP and CLP in-
structions.
4. Decimal mode flag (D)
The decimal mode flag determines whether addition and subtraction
are performed as binary or decimal. Binary arithmetic is performed
when this flag is “0”. If it is “1”, decimal arithmetic is performed with
each word treated as 2- or 4- digit decimal. Arithmetic operation is
performed using four digits when the data length flag m is “0” and
with two digits when it is “1”. Decimal adjust is automatically per-
formed. (Decimal operation is possible only with the ADC and SBC
instructions.) This flag can be set and reset with the SEP and CLP
instructions.


Similar Part No. - M37753M8C-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37753M6C-XXXFP RENESAS-M37753M6C-XXXFP Datasheet
231Kb / 13P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37753M6C-XXXHP RENESAS-M37753M6C-XXXHP Datasheet
231Kb / 13P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37753M8C-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com