Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38060FCH-XXXSS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38060FCH-XXXSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38060FCH-XXXSS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38060FCH-XXXSS Datasheet HTML 2Page - Renesas Technology Corp M38060FCH-XXXSS Datasheet HTML 3Page - Renesas Technology Corp M38060FCH-XXXSS Datasheet HTML 4Page - Renesas Technology Corp M38060FCH-XXXSS Datasheet HTML 5Page - Renesas Technology Corp M38060FCH-XXXSS Datasheet HTML 6Page - Renesas Technology Corp M38060FCH-XXXSS Datasheet HTML 7Page - Renesas Technology Corp M38060FCH-XXXSS Datasheet HTML 8Page - Renesas Technology Corp M38060FCH-XXXSS Datasheet HTML 9Page - Renesas Technology Corp M38060FCH-XXXSS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
Rev.3.01
2003.06.20
page 6 of 98
3850 Group (Spec.A)
VCC, VSS
Functions
Name
Pin
•Apply voltage of 2.7 V – 5.5 V to Vcc, and 0 V to Vss.
•This pin controls the operation mode of the chip.
•Normally connected to VSS.
•Reset input pin for active “L”.
•Input and output pins for the clock generating circuit.
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•When an external clock is used, connect the clock source to the XIN pin and leave the XOUT
pin open.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled in a byte unit.
•P10 to P17 (8 bits) are enabled to output large current
Power source
Table 2 Pin description (spec. A)
Function except a port function
Clock input
Clock output
I/O port P0
CNVSS input
CNVSS
RESET
Reset input
XIN
XOUT
P00/SIN2
P01/SOUT2
P02/SCLK2
P03/SRDY2
P04/AN5–P07/AN8
I/O port P1
P10–P17
• Serial I/O2 function pin
• Sub-clock generating circuit I/O
pins (connect a resonator)
I/O port P2
I/O port P3
I/O port P4
for LED drive.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•P20, P21, P24 to P27: CMOS3-state output structure.
•P22, P23: N-channel open-drain structure.
•Pull-up control of P20, P21, P24–P27 is enabled in a
byte unit.
• Serial I/O1 function pin
• Serial I/O1 function pin/
Timer X function pin
• A-D converter input pin
• Timer Y function pin
• Interrupt input pins
• Interrupt input pin
• SCMP2 output pin
• Interrupt input pin
• PWM output pin
•8-bit CMOS I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled in a bit unit.
•8-bit CMOS I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled in a bit unit.
P20/XCOUT
P21/XCIN
P22
P23
P24/RxD
P25/TxD
P26/SCLK1
P27/CNTR0/
SRDY1
P30/AN0
P34/AN4
P40/CNTR1
P41/INT0
P42/INT1
P43/INT2/SCMP2
P44/INT3/PWM
• A-D converter input pin


Similar Part No. - M38060FCH-XXXSS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38060E1-FP RENESAS-M38060E1-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38060E1-FP RENESAS-M38060E1-FP Datasheet
1Mb / 67P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38060E1-FP RENESAS-M38060E1-FP Datasheet
1Mb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38060E1-FS RENESAS-M38060E1-FS Datasheet
1Mb / 67P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38060E1-XXXFP RENESAS-M38060E1-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38060FCH-XXXSS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com