Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6122D222MR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6122D222MR
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6122D222MR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6122D222MR Datasheet HTML 3Page - Torex Semiconductor XC6122D222MR Datasheet HTML 4Page - Torex Semiconductor XC6122D222MR Datasheet HTML 5Page - Torex Semiconductor XC6122D222MR Datasheet HTML 6Page - Torex Semiconductor XC6122D222MR Datasheet HTML 7Page - Torex Semiconductor XC6122D222MR Datasheet HTML 8Page - Torex Semiconductor XC6122D222MR Datasheet HTML 9Page - Torex Semiconductor XC6122D222MR Datasheet HTML 10Page - Torex Semiconductor XC6122D222MR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
XC6121/XC6122/XC6123/XC6124
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Detect Voltage
VDFL
EN=VSS,ENB=VIN
VDFL(T)
× 0.98
VDFL(T)
VDFL(T)
× 1.02
V
Hysteresis Width
VHYS
VDFL
× 0.02
VDFL
× 0.05
VDFL
× 0.08
V
VIN=VDFL(T)×0.9V
-
5
11
VIN=VDFL(T)×1.1V
-
10
16
Supply Current
(*1)
ISS
the WD Pin:
OPEN
VIN=6.0V
-
12
18
μA
Operating Voltage
VIN
1.0
-
6.0
V
VIN=1.0V
0.15
0.5
-
VIN=2.0V (VDFL(T)> 2.0V)
2.0
2.5
-
VIN=3.0V (VDFL(T) >3.0V)
3.0
3.5
-
Output Current
IRBOUT
N-ch.
VDS = 0.5V
VIN=4.0V (VDFL(T) >4.0V)
3.5
4.0
-
mA
Temperature
Characteristics
△VDFL /
Topr
・VDFL
-40OC < Topr < 85 OC
-
+100
-
ppm/ OC
2.00
3.13
5.00
37
50
63
75
100
125
150
200
250
Release Delay Time
(VDFL<1.8V)
TDR
Time until VIN is increased from
1.0V to 2.0V
and attains to the release time level,
and the Reset output pin releases.
300
400
500
ms
2.00
3.13
5.00
37
50
63
75
100
125
150
200
250
Release Delay Time
(VDFL>1.9V)
TDR
Time until VIN is increased from
1.0V to (VDFL x 1.1V)
and attains to the release time level,
and the Reset output pin releases.
300
400
500
ms
Detect Delay Time
TDF
Time until VIN is decreased from 6.0V to
1.0V and attains to the detect voltage
level, and the Reset output pin detects
while the WD pin left open.
-
5.5
33
μs
VDFL
Leak Current
ILEAK
VIN=6.0V, RESETB=6.0V
-
0.01
0.1
μA
37
50
63
75
100
125
150
200
250
300
400
500
600
800
1000
Watchdog
Timeout Period
(VDFL<1.8V)
TWD
Time until VIN increases form
1.0V to 2.0V and
the Reset output pin is released to go into
the detection state. (WD=VSS)
1200
1600
2000
ms
37
50
63
75
100
125
150
200
250
300
400
500
600
800
1000
Watchdog
Timeout Period
(VDFL>1.9V)
TWD
Time until VIN increases from
1.0V to (VDFLx1.1V)
and the Reset output pin is released to go
into the detection state. (WD=VSS)
1200
1600
2000
ms
■ELECTRICAL CHARACTERISTICS
Ta = 25 OC


Similar Part No. - XC6122D222MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6122D216ER TOREX-XC6122D216ER Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6122D216MR TOREX-XC6122D216MR Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6122D216MR-G TOREX-XC6122D216MR-G Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6122D250ER TOREX-XC6122D250ER Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6122D250MR TOREX-XC6122D250MR Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
More results

Similar Description - XC6122D222MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XD6121 TOREX-XD6121 Datasheet
490Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com