Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38065MEXXXFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38065MEXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38065MEXXXFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38065MEXXXFP Datasheet HTML 1Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 2Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 3Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 4Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 5Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 6Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
DESCRIPTION
The 3850 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3850 group is designed for the household products and office
automation equipment and includes serial I/O functions, 8-bit
timer, and A-D converter.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.5
µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ................................................................... 8K to 24K bytes
RAM ..................................................................... 512 to 640 byte
qProgrammable input/output ports ............................................ 34
qInterrupts ................................................. 14 sources, 14 vectors
qTimers ............................................................................. 8-bit ! 4
qSerial I/O ....................... 8-bit ! 1(UART or Clock-synchronized)
qPWM ............................................................................... 8-bit ! 1
qA-D converter ............................................... 10-bit ! 5 channels
qWatchdog timer ............................................................ 16-bit ! 1
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
3850 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M38503M4-XXXFP/SP pin configuration
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In high-speed mode .................................................. 2.7 to 5.5 V
(at 4 MHz oscillation frequency)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 8 MHz oscillation frequency)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode .......................................................... 34 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................ 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range.................................... –20 to 85°C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
P40/CNTR1
P41/INT0
P42/INT1
P43/INT2
AVSS
P44/INT3/PWM
VREF
VCC
P31/AN1
P32/AN2
P00
P04
P05
P06
P07
P11
P12
P13/(LED0)
P14/(LED1)
P15/(LED2)
P10
P01
P02
P30/AN0
P33/AN3
P34/AN4
P03
40
41
42
22
23
24
25
26
27
28
29
30
31
32
34
35
36
37
38
39
33
3
2
1
21
20
19
18
17
16
15
14
13
12
11
9
8
7
6
5
4
10
P16/(LED3)
P17/(LED4)
P27/CNTR0/SRDY
P26/SCLK
P25/TxD
P24/RxD
P23
P22
CNVSS
P21/XCIN
P20/XCOUT
RESET
XIN
XOUT
VSS
Package type : FP ........................... 42P2R-A (42-pin plastic-molded SSOP)
Package type : SP ........................... 42P4B (42-pin shrink plastic-molded DIP)


Similar Part No. - M38065MEXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38065ME-FP RENESAS-M38065ME-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38065ME-XXXFP RENESAS-M38065ME-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38065ME-XXXFP RENESAS-M38065ME-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38065ME-XXXFS RENESAS-M38065ME-XXXFS Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38065MEA-XXXSP RENESAS-M38065MEA-XXXSP Datasheet
1Mb / 101P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38065MEXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com