Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38505F9A-XXXFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38505F9A-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38505F9A-XXXFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38505F9A-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M38505F9A-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38505F9A-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38505F9A-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38505F9A-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38505F9A-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38505F9A-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38505F9A-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38505F9A-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
Rev.2.10
2005.11.14
page 5 of 86
REJ03B0093-0210
3850 Group (Spec.A)
GROUP EXPANSION
Renesas Technology expands the 3850 group (spec.A) as follows.
Memory Type
Support for mask ROM and flash memory versions.
Memory Size
Flash memory size ......................................................... 32 K bytes
Mask ROM size ................................................... 8 K to 32 K bytes
RAM size ............................................................... 512 to 1 K bytes
Packages
PRDP0042BA-A ......................... 42-pin shrink plastic-molded DIP
PRSP0042GA-B .................................. 42-pin plastic-molded SOP
Fig. 4 Memory expansion plan
Memory Expansion Plan
32K
28K
24K
20K
16K
12K
8K
384
512
640
768
896
1024
1152
1280
1408
1536
2048
ROM
exteranal
ROM size (bytes)
RAM size (bytes)
Mass production
M38503M4A
Mass production
M38503M2A
Mass production
Mass production
M38504M6A
M38507M8A/F8A


Similar Part No. - M38505F9A-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38505F9-XXXFP RENESAS-M38505F9-XXXFP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38505F9-XXXSP RENESAS-M38505F9-XXXSP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38505F9-XXXSS RENESAS-M38505F9-XXXSS Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38505F9H-XXXFP RENESAS-M38505F9H-XXXFP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38505F9H-XXXSP RENESAS-M38505F9H-XXXSP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38505F9A-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com