Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38032M1-XXXKP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38032M1-XXXKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38032M1-XXXKP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38032M1-XXXKP Datasheet HTML 1Page - Renesas Technology Corp M38032M1-XXXKP Datasheet HTML 2Page - Renesas Technology Corp M38032M1-XXXKP Datasheet HTML 3Page - Renesas Technology Corp M38032M1-XXXKP Datasheet HTML 4Page - Renesas Technology Corp M38032M1-XXXKP Datasheet HTML 5Page - Renesas Technology Corp M38032M1-XXXKP Datasheet HTML 6Page - Renesas Technology Corp M38032M1-XXXKP Datasheet HTML 7Page - Renesas Technology Corp M38032M1-XXXKP Datasheet HTML 8Page - Renesas Technology Corp M38032M1-XXXKP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
Rev.1.01
Jan 25, 2008
Page 1 of 117
REJ03B0212-0101
DESCRIPTION
The 3803 group (Spec.L) is the 8-bit microcomputer based on the
740 family core technology.
The 3803 group (Spec.L) is designed for household products,
office automation equipment, and controlling systems that
require analog signal processing, including the A/D converter
and D/A converters.
FEATURES
• Basic machine-language instructions ................................. 71
• Minimum instruction execution time .......................... 0.24
µs
(at 16.8 MHz oscillation frequency)
• Memory size
Mask ROM/Flash memory .................................... 60 K bytes
RAM ...................................................................... 2048 bytes
• Programmable input/output ports ....................................... 56
• Software pull-up resistors ............................................ Built-in
• Interrupts
21 sources, 16 vectors...............................................................
(external 8, internal 12, software 1)
• Timers ...................................................................... 16-bit × 1
8-bit × 4
(with 8-bit prescaler)
• Serial interface ......... 8-bit × 2 (UART or Clock-synchronized)
8-bit × 1 (Clock-synchronized)
• PWM ....................................... 8-bit × 1 (with 8-bit prescaler)
• A/D converter ........................................ 10-bit × 16 channels
(8-bit reading enabled)
• D/A converter ............................................ 8-bit × 2 channels
• Watchdog timer ....................................................... 16-bit × 1
• LED direct drive port..............................................................8
• Clock generating circuit ............................. Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
• Power source voltage (Mask ROM version)
[In high-speed mode]
At 16.8 MHz oscillation frequency ....................4.5 to 5.5 V
At 12.5 MHz oscillation frequency ....................4.0 to 5.5 V
At 8.4 MHz oscillation frequency ......................2.7 to 5.5 V
At 4.2 MHz oscillation frequency ......................2.2 to 5.5 V
At 2.1 MHz oscillation frequency ......................2.0 to 5.5 V
[In middle-speed mode]
At 16.8 MHz oscillation frequency ....................4.5 to 5.5 V
At 12.5 MHz oscillation frequency ....................2.7 to 5.5 V
At 8.4 MHz oscillation frequency ......................2.2 to 5.5 V
At 6.3 MHz oscillation frequency ......................1.8 to 5.5 V
[In low-speed mode]
At 32 kHz oscillation frequency .........................1.8 to 5.5 V
• Power source voltage (Flash memory version)
[In high-speed mode]
At 16.8 MHz oscillation frequency .................... 4.5 to 5.5 V
At 12.5 MHz oscillation frequency .................... 4.0 to 5.5 V
At 8.4 MHz oscillation frequency ...................... 2.7 to 5.5 V
[In middle-speed mode]
At 16.8 MHz oscillation frequency .................... 4.5 to 5.5 V
At 12.5 MHz oscillation frequency .................... 2.7 to 5.5 V
[In low-speed mode]
At 32 kHz oscillation frequency......................... 2.7 to 5.5 V
• Power dissipation (Mask ROM version)
In high-speed mode ........................................... 40 mW (typ.)
(at 16.8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................ 45
µW (typ.)
(at 32 kHz oscillation frequency, at 3 V power source voltage)
• Power dissipation (Flash memory version)
In high-speed mode ........................................ 27.5 mW (typ.)
(at 16.8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ........................................ 1200
µW (typ.)
(at 32 kHz oscillation frequency, at 3 V power source voltage)
• Operating temperature range .............................
−20 to 85 °C
• Packages
SP...............PRDP0064BA-A (64P4B) (64-pin 750 mil SDIP)
HP ......PLQP0064KB-A (64P6Q-A) (64-pin 10 × 10 mm LQFP)
KP ......PLQP0064GA-A (64P6U-A) (64-pin 14 × 14 mm LQFP)
WG ........PTLG0064JA-A (64F0G) (64-pin 6 × 6 mm FLGA)
<Flash memory mode>
• Power source voltage ................................ VCC = 2.7 to 5.5 V
• Program/Erase voltage ............................. VCC = 2.7 to 5.5 V
• Programming method ............... Programming in unit of byte
• Erasing method ................................................. Block erasing
• Program/Erase control by software command
• Number of times for programming/erasing ...................... 100
<Notes>
The flash memory version cannot be used for application
embedded in the MCU card.
3803 Group (Spec.L)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0212-0101
Rev.1.01
Jan 25, 2008


Similar Part No. - M38032M1-XXXKP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38032M1-XXXKP RENESAS-M38032M1-XXXKP Datasheet
1Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38032M1-XXXKP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com