Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT3018R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT3018R
Description  Silicon N/P Channel Power MOS FET High Speed Power Switching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3018R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT3018R Datasheet HTML 1Page - Renesas Technology Corp HAT3018R Datasheet HTML 2Page - Renesas Technology Corp HAT3018R Datasheet HTML 3Page - Renesas Technology Corp HAT3018R Datasheet HTML 4Page - Renesas Technology Corp HAT3018R Datasheet HTML 5Page - Renesas Technology Corp HAT3018R Datasheet HTML 6Page - Renesas Technology Corp HAT3018R Datasheet HTML 7Page - Renesas Technology Corp HAT3018R Datasheet HTML 8Page - Renesas Technology Corp HAT3018R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HAT3018R, HAT3018RJ
Rev.1.00, Oct.20.2003, page 3 of 15
Electrical Characteristics
• N Channel
(Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
60
V
ID = 10 mA, VGS = 0
Gate to Source breakdown voltage V(BR)GSS ±20
V
IG = ±100
µA, VDS = 0
Zero gate voltage drain current
IDSS
——1
µAVDS = 60 V, VGS = 0
Zero gate voltage
HAT3018R
IDSS
———
µAVDS = 48 V, VGS = 0
drain current
HAT3018RJ IDSS
——10
µA
Ta = 125
°C
Gate to source leak current
IGSS
——±10
µAVGS = ±16 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
1.5
2.5
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|6
9.5
S
ID = 3 A
Note 5, V
DS = 10 V
Static drain to source on state
RDS(on)
—28
35
m
ID = 3 A
Note 5, V
GS = 10 V
resistance
RDS(on)
—40
50
m
ID = 3 A
Note 5, V
GS = 4.5 V
Input capacitance
Ciss
1000
pF
VDS = 10 V, VGS = 0
Output capacitance
Coss
145
pF
f = 1 MHz
Reverse transfer capacitance
Crss
85
pF
Total gate charge
Qg
15
nC
VDD = 25 V
Gate to source charge
Qgs
2
nC
VGS = 10 V
Gate to drain charge
Qgd
3
nC
ID = 6 A
Turn-on delay time
td(on)
12
ns
VGS = 10 V, ID= 3 A
Rise time
tr
10
ns
VDD
≅ 30 V
Turn-off delay time
td(off)
60
ns
RL = 10
Fall time
tf
11
ns
RG = 4.7
Body-drain diode forward voltage
VDF
0.82
1.07
V
IF = 6 A, VGS = 0
Note 5
Body-drain diode reverse recovery
time
trr
40
ns
IF = 6 A, VGS = 0
diF/dt = 100A/ µs
Notes: 5. Pulse test


Similar Part No. - HAT3018R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3018R RENESAS-HAT3018R_15 Datasheet
177Kb / 14P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT3018R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3015R RENESAS-HAT3015R_15 Datasheet
82Kb / 6P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
RJM0306JSP RENESAS-RJM0306JSP_10 Datasheet
127Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT3008RJ HITACHI-HAT3008RJ Datasheet
81Kb / 15P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT3010R RENESAS-HAT3010R Datasheet
149Kb / 16P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3015T RENESAS-HAT3015T Datasheet
88Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_15 Datasheet
136Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3008R RENESAS-HAT3008R_15 Datasheet
278Kb / 14P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3015R RENESAS-HAT3015R Datasheet
64Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3008R RENESAS-HAT3008R_09 Datasheet
263Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3005R RENESAS-HAT3005R Datasheet
58Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_05 Datasheet
116Kb / 10P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com