Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38061M1-FS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38061M1-FS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38061M1-FS Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38061M1-FS Datasheet HTML 1Page - Renesas Technology Corp M38061M1-FS Datasheet HTML 2Page - Renesas Technology Corp M38061M1-FS Datasheet HTML 3Page - Renesas Technology Corp M38061M1-FS Datasheet HTML 4Page - Renesas Technology Corp M38061M1-FS Datasheet HTML 5Page - Renesas Technology Corp M38061M1-FS Datasheet HTML 6Page - Renesas Technology Corp M38061M1-FS Datasheet HTML 7Page - Renesas Technology Corp M38061M1-FS Datasheet HTML 8Page - Renesas Technology Corp M38061M1-FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
DESCRIPTION
The 3820 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3820 group has the LCD drive control circuit and the serial I/
O as additional functions.
The various microcomputers in the 3820 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
For details on availability of microcomputers in the 3820 group, re-
fer to the section on group expansion.
FEATURES
Basic machine-language instructions ....................................... 71
The minimum instruction execution time ............................ 0.5 µs
(at 8MHz oscillation frequency)
Memory size
ROM .................................................................. 4 K to 32 K bytes
RAM ................................................................. 192 to 1024 bytes
Programmable input/output ports ............................................. 43
Software pull-up/pull-down resistors (Ports P0-P7 except Port P40)
Interrupts .................................................. 16 sources, 16 vectors
(includes key input interrupt)
Timers ........................................................... 8-bit ! 3, 16-bit ! 2
Serial I/O1 ..................... 8-bit ! 1 (UART or Clock-synchronized)
Serial I/O2 .................................... 8-bit ! 1 (Clock-synchronized)
LCD drive control circuit
Bias ................................................................................... 1/2, 1/3
Duty ............................................................................ 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ......................................................................... 40
2 Clock generating circuit
Clock (XIN-XOUT) .................................. Internal feedback resistor
Sub-clock (XCIN-XCOUT) .......... Without internal feedback resistor
(connect to external ceramic resonator or quartz-crystal oscillator)
Watchdog timer ............................................................. 15-bit ! 1
Power source voltage
In high-speed mode .................................................... 4.0 to 5.5 V
(at 8MHz oscillation frequency and high-speed selected)
In middle-speed mode ................................................2.5 to 5.5 V
(at 8MHz oscillation frequency and middle-speed selected)
In low-speed mode ...................................................... 2.5 to 5.5 V
(Extended operating temperature version: 3.0 V to 5.5 V)
Power dissipation
In high-speed mode ........................................................... 32 mW
(at 8 MHz oscillation frequency)
In low-speed mode .............................................................. 45
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
Operating temperature range ................................... – 20 to 85°C
(Extended operating temperature version: –40 to 85
°C)
APPLICATIONS
Household appliances, consumer electronics, etc.
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PIN CONFIGURATION (TOP VIEW)
SEG1
SEG2
SEG3
SEG4
SEG6
SEG5
SEG7
VCC
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
P41/
φ
P40
XIN
XOUT
VSS
P27
P26
P25
P24
P23
P22
P21
P20
RESET
P70/XCOUT
P71/XCIN
M38203M4-XXXFP
12
3
4
5
6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
M38203M4-XXXFP
Package type : 80P6N-A
80-pin plastic molded QFP


Similar Part No. - M38061M1-FS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38061M1-FP RENESAS-M38061M1-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38061M1-FP RENESAS-M38061M1-FP Datasheet
1Mb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38061M1-FS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com