Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38024M8DXXXSP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38024M8DXXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38024M8DXXXSP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38024M8DXXXSP Datasheet HTML 1Page - Renesas Technology Corp M38024M8DXXXSP Datasheet HTML 2Page - Renesas Technology Corp M38024M8DXXXSP Datasheet HTML 3Page - Renesas Technology Corp M38024M8DXXXSP Datasheet HTML 4Page - Renesas Technology Corp M38024M8DXXXSP Datasheet HTML 5Page - Renesas Technology Corp M38024M8DXXXSP Datasheet HTML 6Page - Renesas Technology Corp M38024M8DXXXSP Datasheet HTML 7Page - Renesas Technology Corp M38024M8DXXXSP Datasheet HTML 8Page - Renesas Technology Corp M38024M8DXXXSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
P41/INT0
25
26
27
28
29
30
31
32
17
18
19
20
21
22
23
24
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
M38022M4-XXXFP
P63 /AN3
P64/AN4
P65/AN5
AVSS
VREF
VCC
P30/DA1
P31/DA2
P32/ONW
P33/RESETOUT
P34/
φ
P35/SYNC
P36/WR
P37/RD
P42/INT1
CNVSS
XIN
XOUT
VSS
P27/DB7
P26/DB6
P25/DB5
P24/DB4
P23/DB3
P22/DB2
P21/DB1
P20/DB0
RESET
P40/INT4
P67/AN7
P66/AN6
PIN CONFIGURATION (TOP VIEW)
Package type : 64P6N-A
64-pin plastic-molded QFP
DESCRIPTION
The 3802 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3802 group is designed for controlling systems that require
analog signal processing and include two serial I/O functions, A-D
converters, and D-A converters.
The various microcomputers in the 3802 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
For details on availability of microcomputers in the 3802 group, re-
fer to the section on group expansion.
FEATURES
Basic machine-language instructions....................................... 71
The minimum instruction execution time ............................ 0.5 µs
(at 8 MHz oscillation frequency)
Memory size
ROM .................................................................. 8 K to 32 K bytes
RAM ................................................................. 384 to 1024 bytes
Programmable input/output ports ............................................. 56
Interrupts .................................................. 16 sources, 16 vectors
Timers ............................................................................. 8 bit ! 4
Serial I/O1 .................... 8-bit ! 1 (UART or Clock-synchronized)
Serial I/O2 .................................... 8-bit ! 1 (Clock-synchronized)
PWM ................................................................................ 8-bit ! 1
A-D converter .................................................. 8-bit ! 8 channels
D-A converter .................................................. 8-bit ! 2 channels
Clock generating circuit ....................... Internal feedback resistor
(connect to external ceramic resonator or quartz-crystal oscillator)
Power source voltage ..................................................3.0 to 5.5 V
(Extended operating temperature version : 4.0 to 5.5 V)
Power dissipation ............................................................... 32 mW
Memory expansion possible
Operating temperature range .................................... –20 to 85°C
(Extended operating temperature version : –40 to 85
°C)
APPLICATIONS
Office automation, VCRs, tuners, musical instruments, cameras,
air conditioners, etc.
MITSUBISHI MICROCOMPUTERS
3802 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER


Similar Part No. - M38024M8DXXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38024M8DXXXSP RENESAS-M38024M8DXXXSP Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38024M8DXXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com