Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA179L10 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA179L10
Description  3-terminal Negative Fixed Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA179L10 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA179L10 Datasheet HTML 1Page - Renesas Technology Corp HA179L10 Datasheet HTML 2Page - Renesas Technology Corp HA179L10 Datasheet HTML 3Page - Renesas Technology Corp HA179L10 Datasheet HTML 4Page - Renesas Technology Corp HA179L10 Datasheet HTML 5Page - Renesas Technology Corp HA179L10 Datasheet HTML 6Page - Renesas Technology Corp HA179L10 Datasheet HTML 7Page - Renesas Technology Corp HA179L10 Datasheet HTML 8Page - Renesas Technology Corp HA179L10 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00 Oct 26, 2006 page 1 of 9
HA179L00 Series
3-terminal Negative Fixed Voltage Regulators
REJ03D0690-0200
Rev.2.00
Oct 26, 2006
Description
The HA179L00 series are three-terminal fixed output voltage regulators. These are small outline packages which are
useful ICs. For application example, as Zener diodes, easy stabilized power sources.
Features
• Some kinds output voltage series
• Superior ripple rejection ratio for audio frequency
• Large maximum power dissipation: 800 mW
• Over current and over temperature protection
Ordering Information
Application
Output Voltage
Type No.
Package Code (Package Name)
–5
HA179L05P
–6
HA179L06P
–8
HA179L08P
–9
HA179L09P
–10
HA179L10P
–12
HA179L12P
Industrial use
–15
HA179L15P
PRSS0003DC-A (TO-92MODV)
–5
HA179L05
–6
HA179L06
–8
HA179L08
–9
HA179L09
–10
HA179L10
–12
HA179L12
Commercial use
–15
HA179L15
PRSS0003DC-A (TO-92MODV)
–5
HA179L05U
–6
HA179L06U
–8
HA179L08U
–9
HA179L09U
–10
HA179L10U
–12
HA179L12U
Commercial use
–15
HA179L15U
PLZZ0004CA-A (UPAK)
Output Voltage Accuracy Grade
Use
Standard (
±4%)
Industrial Use
HA179L00P
HA179L00
Commercial Use
HA179L00U


Similar Part No. - HA179L10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L10 HITACHI-HA179L10 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
HA179L10P HITACHI-HA179L10P Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
HA179L10U HITACHI-HA179L10U Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results

Similar Description - HA179L10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com