Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1630Q06T Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA1630Q06T
Description  Low Voltage Operation CMOS Quad Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630Q06T Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA1630Q06T Datasheet HTML 5Page - Renesas Technology Corp HA1630Q06T Datasheet HTML 6Page - Renesas Technology Corp HA1630Q06T Datasheet HTML 7Page - Renesas Technology Corp HA1630Q06T Datasheet HTML 8Page - Renesas Technology Corp HA1630Q06T Datasheet HTML 9Page - Renesas Technology Corp HA1630Q06T Datasheet HTML 10Page - Renesas Technology Corp HA1630Q06T Datasheet HTML 11Page - Renesas Technology Corp HA1630Q06T Datasheet HTML 12Page - Renesas Technology Corp HA1630Q06T Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
HA1630Q04/05/06 Series
Rev.1.00 Mar 10, 2006 page 9 of 23
Figure 1-21. HA1630Q04
Total Harmonic Distortion + Noise vs.
Output Voltage p-p
0.001
0.01
0.1
1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Voltage Vout p-p (V)
VDD = 3.0 V
Ta = 25
°C
Gain = 0 dB
VDD = 3.0 V
Ta = 25
°C
Gain = 40 dB
Figure 1-22. HA1630Q04
Total Harmonic Distortion + Noise vs.
Output Voltage p-p
0.001
0.01
0.1
1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Voltage Vout p-p (V)
Figure 1-24. HA1630Q04
Voltage Noise Density vs. Frequency
0
80
40
120
160
200
100
1k
10k
Frequency f (Hz)
Figure 1-23. HA1630Q04
Voltage Output p-p vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1k
10k
100k
1M
10M
Frequency f (Hz)
Ta = 25
°C
VDD = 3.0 V
VDD = 3.0 V
Ta = 25
°C
Gain = 40 dB
RS = 1 kΩ
f = 10 kHz
f = 100 Hz
f = 1 kHz
f = 10 kHz
f = 100 Hz
f = 1 kHz
Gain = 40 dB,
VIN = 0.03 Vp-p
Gain = 20 dB,
VIN = 0.3 Vp-p
Gain = 0 dB,
VIN = 2.0 Vp-p


Similar Part No. - HA1630Q06T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Renesas Technology Corp
HA1630Q01 RENESAS-HA1630Q01 Datasheet
475Kb / 24P
   Low Voltage Operation CMOS Quad Operational Amplifier
logo
List of Unclassifed Man...
HA1630Q01T ETC-HA1630Q01T Datasheet
216Kb / 7P
   CMOS
logo
Renesas Technology Corp
HA1630Q01T RENESAS-HA1630Q01T Datasheet
475Kb / 24P
   Low Voltage Operation CMOS Quad Operational Amplifier
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
More results

Similar Description - HA1630Q06T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
HA1630Q04 RENESAS-HA1630Q04_15 Datasheet
486Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
HA1630Q01 RENESAS-HA1630Q01 Datasheet
475Kb / 24P
   Low Voltage Operation CMOS Quad Operational Amplifier
HA1630D04 RENESAS-HA1630D04_15 Datasheet
502Kb / 26P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01 RENESAS-HA1630D01_15 Datasheet
481Kb / 28P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D04 RENESAS-HA1630D04 Datasheet
467Kb / 24P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01 RENESAS-HA1630D01 Datasheet
452Kb / 26P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630S01 RENESAS-HA1630S01 Datasheet
545Kb / 24P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S010203 RENESAS-HA1630S010203_15 Datasheet
595Kb / 25P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S04 RENESAS-HA1630S04 Datasheet
476Kb / 24P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com