Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38068MCXXXFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M38068MCXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38068MCXXXFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M38068MCXXXFP Datasheet HTML 1Page - Renesas Technology Corp M38068MCXXXFP Datasheet HTML 2Page - Renesas Technology Corp M38068MCXXXFP Datasheet HTML 3Page - Renesas Technology Corp M38068MCXXXFP Datasheet HTML 4Page - Renesas Technology Corp M38068MCXXXFP Datasheet HTML 5Page - Renesas Technology Corp M38068MCXXXFP Datasheet HTML 6Page - Renesas Technology Corp M38068MCXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38068MCXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38068MCXXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
3
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3807 Group
PIN DESCRIPTION
Pin
Name
Function
VCC, VSS
Power source
• Apply voltage of 2.7–5.5 V to VCC
, and 0 V to VSS.
CMPVCC
Analog comparator • Power source input pin for an analog comparator
power source
CNVSS
CNVSS
• This pin controls the operation mode of the chip.
• Normally connected to VSS.
• If this pin is connected to VCC, the internal ROM is inhibited and external memory is accessed.
ADVREF
Analog reference
• Reference voltage input pin for A-D converter.
voltage
AVSS
Analog power
• Analog power source input pin for A-D and D-A converter and an analog comparator
source
• Connect to VSS.
CMPOUT
Analog comparator • Output pin for an analog comparator
output
______
RESET
Reset input
• Reset input pin for active “L”
XIN
Clock input
• Input and output signals for the internal clock generating circuit.
• Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set the oscillation frequency.
XOUT
Clock output
• If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• The clock is used as the oscillating source of system clock.
P00–P07
I/O port P0
• 8-bit CMOS I/O port
P10–P17
I/O port P1
• I/O direction register allows each pin to be individually programmed as either input or output.
P20–P27
I/O port P2
• At reset this port is set to input mode.
• In modes other than single-chip, these pins are used as address, data bus I/O pins.
• CMOS compatible input level
• CMOS 3-state output structure
• Port P2 can be switched CMOS or TTL input level.
P30/RTP6,
I/O port P3
• 8-bit CMOS I/O port
• Real time port function
P31/RTP7
• I/O direction register allows each pin to be individually programmed as either input or output.
pins
P34/CKOUT,
• At reset this port is set to input mode.
• Clock output function pin
P32, P33,
• In modes other than single-chip, these pins are used as control bus I/O pins.
P35–P37
• CMOS compatible input level
• CMOS 3-state output structure
• Port P32 can be switched CMOS or TTL input level.
P40/XCOUT,
I/O port P4
• 8-bit CMOS I/O port with the same function as port P0
• Sub-clock generating I/O
P41/XCIN
• CMOS compatible input level
pins(connect a resonator)
P42/INT0,
• CMOS 3-state output structures
• Interrupt input pins
P43/INT1
• Timer X, Timer Y function pins
(INT0, INT1)
P44/RXD,
• Serial I/O1 function pins
P45/TXD,
P46/SCLK1,
P47/SRDY1
P50/TOUT
I/O port P5
• 8-bit CMOS I/O port with the same function as port P0
• Timer 2 output pin
P51/SCMP2/
• CMOS compatible input level
• Interrupt input pin
INT2
• CMOS 3-state output structure
• Serial I/O2 function pin
P52/INT3,
• Interrupt input pin
P53/INT4
Real time port function pin(INT4)
P54/CNTR0,
• Timer X, Timer Y function pins
P55/CNTR1
P56/DA1,
• D-A conversion output
P57/DA2
pins
Function except a port function
Table. 1. Pin description (1)


Similar Part No. - M38068MCXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38068MCXXXFP RENESAS-M38068MCXXXFP Datasheet
918Kb / 53P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38068MCXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com