Electronic Components Datasheet Search |
|
HA178L00PA Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
HA178L00PA Datasheet(HTML) 7 Page - Renesas Technology Corp |
7 / 16 page HA178L00 Series REJ03D0683-0300 Rev.3.00 Oct 24, 2007 Page 7 of 15 HA178L56 (VIN = 11 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, COUT = 0.1 µF) HA178L56P HA178L56 HA178L56PA HA178L56A HA178L56UA Item Symbol Min Typ Max Min Typ Max Unit Test Conditions Output voltage VOUT 5.24 5.6 5.96 5.38 5.6 5.82 V Tj = 25°C — 50 200 — 50 150 7.6 V ≤ VIN ≤ 21 V Line regulation ∆VOLINE — 45 150 — 45 100 mV Tj = 25°C 8.5 V ≤ VIN ≤ 21 V — 17 — — 17 — 1.0 mA ≤ IOUT ≤ 150 mA — 11 60 — 11 60 1.0 mA ≤ IOUT ≤ 100 mA Load regulation ∆VOLOAD — 5.0 30 — 5.0 30 mV Tj = 25°C 1.0 mA ≤ IOUT ≤ 40 mA 5.16 — 6.04 5.32 — 5.88 7.6 V ≤ VIN ≤ 21 V, 1.0 mA ≤ IOUT ≤ 40 mA Output voltage VOUT 5.16 — 6.04 5.32 — 5.88 V VIN = 11 V, 1.0 mA ≤ IOUT ≤ 70 mA Quiescent current IQ — 3.0 6.0 — 3.0 6.0 mA Tj= 25°C — — 1.5 — — 1.5 8.5 V ≤ VIN ≤ 2.0 V, Tj = 25°C Quiescent current change ∆IQ — — 0.2 — — 0.1 mA 1.0 mA ≤ IOUT ≤ 40 mA, Tj = 25°C Ripple rejection ratio RREJ — 58 — — 58 — dB f = 120 Hz, 8.5 V ≤ VIN < 18.5 V, Tj = 25°C Temperature coefficient of output voltage ∆VOUT/∆Tj — +0.1 — — +0.1 — mV/°C IOUT = 5 mA Dropout voltage VDROP — 1.7 — — 1.7 — V Tj = 25°C HA178L06 (VIN = 11 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, COUT = 0.1 µF) HA178L06P HA178L06 HA178L06PA HA178L06A HA178L06UA Item Symbol Min Typ Max Min Typ Max Unit Test Conditions Output voltage VOUT 5.61 6.0 6.39 5.76 6.0 6.24 V Tj = 25°C — 50 200 — 50 150 8.1 V ≤ VIN ≤ 21 V Line regulation ∆VOLINE — 45 150 — 45 110 mV Tj = 25°C 9.0 V ≤ VIN ≤ 21 V — 17.5 — — 17.5 — 1.0 mA ≤ IOUT ≤ 150 mA — 12 70 — 12 70 1.0 mA ≤ IOUT ≤ 100 mA Load regulation ∆VOLOAD — 5.5 35 — 5.5 35 mV Tj = 25°C 1.0 mA ≤ IOUT ≤ 40 mA 5.52 — 6.48 5.7 — 6.3 8.1 V ≤ VIN ≤ 21 V, 1.0 mA ≤ IOUT ≤ 40 mA Output voltage VOUT 5.52 — 6.48 5.7 — 6.3 V VIN = 11 V, 1.0 mA ≤ IOUT ≤ 70 mA Quiescent current IQ — 3.0 6.0 — 3.0 6.0 mA Tj= 25°C — — 1.5 — — 1.5 9.0 V ≤ VIN ≤ 20 V, Tj = 25°C Quiescent current change ∆IQ — — 0.2 — — 0.1 mA 1.0 mA ≤ IOUT ≤ 40 mA, Tj = 25°C Ripple rejection ratio RREJ — 57 — — 57 — dB f = 120 Hz, 9.0 V ≤ VIN < 19 V, Tj = 25°C Temperature coefficient of output voltage ∆VOUT/∆Tj — +0.1 — — +0.1 — mV/°C IOUT = 5 mA Dropout voltage VDROP — 1.7 — — 1.7 — V Tj = 25°C |
Similar Part No. - HA178L00PA |
|
Similar Description - HA178L00PA |