Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38063ED-FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38063ED-FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063ED-FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38063ED-FP Datasheet HTML 1Page - Renesas Technology Corp M38063ED-FP Datasheet HTML 2Page - Renesas Technology Corp M38063ED-FP Datasheet HTML 3Page - Renesas Technology Corp M38063ED-FP Datasheet HTML 4Page - Renesas Technology Corp M38063ED-FP Datasheet HTML 5Page - Renesas Technology Corp M38063ED-FP Datasheet HTML 6Page - Renesas Technology Corp M38063ED-FP Datasheet HTML 7Page - Renesas Technology Corp M38063ED-FP Datasheet HTML 8Page - Renesas Technology Corp M38063ED-FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
MITSUBISHI MICROCOMPUTERS
3806 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
4
Function
• Apply voltage of 3.0 V to 5.5 V to VCC, and 0 V to VSS.
(Extended operating temperature version : 4.0 V to 5.5 V)
(High-speed version : 2.7 V to 5.5 V)
• This pin controls the operation mode of the chip.
• Normally connected to VSS.
• If this pin is connected to VCC, the internal ROM is inhibited and external memory is accessed.
• Reference voltage input pin for A-D and D-A converters
• GND input pin for A-D and D-A converters
• Connect to VSS.
• Reset input pin for active “L”
• Input and output signals for the internal clock generating circuit.
• Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set the
oscillation frequency.
• If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• The clock is used as the oscillating source of system clock.
• 8 bit CMOS I/O port
• I/O direction register allows each pin to be individually programmed as either input or output.
• At reset this port is set to input mode.
• In modes other than single-chip, these pins are used as address, data, and control bus I/O pins.
• CMOS compatible input level
• CMOS 3-state output structure
• 8-bit CMOS I/O port with the same function as port P0
• CMOS compatible input level
• CMOS 3-state output structure
• 8-bit CMOS I/O port with the same function as port P0
• CMOS compatible input level
• CMOS 3-state output structure
• 8-bit CMOS I/O port with the same function as
port P0
• CMOS compatible input level
• CMOS 3-state output structure
Pin
VCC
VSS
CNVSS
VREF
AVSS
______
RESET
XIN
XOUT
P00 – P07
P10 – P17
P20 – P27
P30 – P37
P40, P41
P42/INT0,
P43/INT1
P44/RXD,
P45/TXD,
P46/SCLK1,
_____
P47/SRDY1
P50
P51/INT2
P53/INT4
P54/CNTR0,
P55/CNTR1
P56/DA1,
P57/DA2
P60/AN0
P67/AN7
PIN DESCRIPTION
Name
Power source
CNVSS
Analog reference
voltage
Analog power
source
Reset input
Clock input
Clock output
I/O port P0
I/O port P1
I/O port P2
I/O port P3
I/O port P4
I/O port P5
I/O port P6
Function except a port function
• External interrupt input pin
• Serial I/O1 I/O pins
• External interrupt input pin
• Timer X and Timer Y I/O pins
• D-A conversion output pins
• A-D conversion input pins


Similar Part No. - M38063ED-FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38063ED-XXXFP RENESAS-M38063ED-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38063ED-XXXFP RENESAS-M38063ED-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38063ED-XXXFS RENESAS-M38063ED-XXXFS Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38063ED-FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com