Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38067M3H-XXXFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M38067M3H-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38067M3H-XXXFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M38067M3H-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38067M3H-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38067M3H-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38067M3H-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38067M3H-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38067M3H-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38067M3H-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M38067M3H-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M38067M3H-XXXFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
Rev.3.01
2003.06.20
page 9 of 98
3850 Group (Spec.H/A)
Currently planning products are listed below.
RAM size (bytes)
Remarks
Package
Table 3 Support products (spec. H)
Product name
24576
(24446)
ROM size (bytes)
ROM size for User in (
)
M38503M2H-XXXSP
M38503M2H-XXXFP
M38503M4H-XXXSP
M38503M4H-XXXFP
M38504M6-XXXSP
M38504E6-XXXSP
M38504E6SP
M38504E6SS
M38504M6-XXXFP
M38504E6-XXXFP
M38504E6FP
M38507M8-XXXSP
M38507M8-XXXFP
M38507F8SP
M38507F8FP
42P4B
42P2R-A/E
42P4B
42P2R-A/E
424P4B
42S1B-A
42P2R-A/E
42P4B
42P2R-A/E
42P4B
42P2R-A/E
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
Mask ROM version
Flash memory version
Flash memory version
8192
(8062)
512
16384
(16254)
640
512
Table 5 Differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A)
Serial I/O
A-D converter
Large current port
Software pull-up
resistor
Maximum operating
frequency
3850 group (standard)
1: Serial I/O
(UART or Clock-synchronized)
Unserviceable in low-speed mode
Analog channel ............................. 5
5: P13–P17
Not available
8 MHz
3850 group (spec. H)
2: Serial I/O1 (UART or Clock-synchronized)
Serial I/O2 (Clock-synchronized)
Serviceable in low-speed mode
Analog channel ................................ 5
8: P10–P17
Not available
8 MHz
32768
(32638)
1024
RAM size (bytes)
Remarks
Package
Table 4 Support products (spec. A)
Product name
ROM size (bytes)
ROM size for User in (
)
M38503M2A-XXXSP
M38503M2A-XXXFP
M38503M4A-XXXSP
M38503M4A-XXXFP
M38507F8SP
M38507F8FP
42P4B
42P2R-A/E
42P4B
42P2R-A/E
42P4B
42P2R-A/E
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Flash memory version
Flash memory version
8192
(8062)
512
16384
(16254)
512
32768
1024
3850 group (spec. A)
2: Serial I/O1 (UART or Clock-synchronized)
Serial I/O2 (Clock-synchronized)
Serviceable in low-speed mode
Analog channel ................................ 9
8: P10–P17
Built-in (Port P0–P4)
12.5 MHz
Notes on differences among 3850 group
(standard), 3850 group (spec. H), and 3850
group (spec. A)
(1) The absolute maximum ratings of 3850 group (spec. H/A) is
smaller than that of 3850 group (standard).
•Power source voltage Vcc = –0.3 to 6.5 V
•CNVss input voltage VI = –0.3 to Vcc +0.3 V
(2) The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT may
be some differences among 3850 group (standard), 3850
group (spec. H), and 3850 group (spec. A).
(3) Do not write any data to the reserved area and the reserved
bit. (Do not change the contents after reset.)
(4) Fix bit 3 of the CPU mode register to “1”.
(5) Be sure to perform the termination of unused pins.


Similar Part No. - M38067M3H-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38067M3-FP RENESAS-M38067M3-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38067M3-FP RENESAS-M38067M3-FP Datasheet
1Mb / 67P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38067M3-FP RENESAS-M38067M3-FP Datasheet
1Mb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38067M3-FS RENESAS-M38067M3-FS Datasheet
1Mb / 67P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38067M3-XXXFP RENESAS-M38067M3-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38067M3H-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com