Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS50SMJ-2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS50SMJ-2
Description  MITSUBISHI Nch POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS50SMJ-2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS50SMJ-2 Datasheet HTML 1Page - Renesas Technology Corp FS50SMJ-2 Datasheet HTML 2Page - Renesas Technology Corp FS50SMJ-2 Datasheet HTML 3Page - Renesas Technology Corp FS50SMJ-2 Datasheet HTML 4Page - Renesas Technology Corp FS50SMJ-2 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS50SMJ-2
HIGH-SPEED SWITCHING USE
0
0.8
1.6
2.4
3.2
4.0
–50
0
50
100
150
VDS = 10V
ID = 1mA
0
2
4
6
8
10
0
20406080
100
VDS = 20V
40V
80V
Tch = 25
°C
ID = 50A
GATE-SOURCE VOLTAGE
VS.GATE CHARGE
(TYPICAL)
GATE CHARGE Qg (nC)
SOURCE-DRAIN DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
CHANNEL TEMPERATURE Tch (
°C)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
CHANNEL TEMPERATURE Tch (
°C)
BREAKDOWN VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
PULSE WIDTH tw (s)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (
°C)
10–1
100
2
3
4
5
7
101
2
3
4
5
7
–50
0
50
100
150
VGS = 10V
ID = 1/2ID
Pulse Test
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
VGS = 0V
ID = 1mA
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
TC = 125
°C
75
°C
25
°C
VGS = 0V
Pulse Test
10–2
10–1
2
3
5
7
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
10–423 57
23 57
23 57
23 57100 23 57101 23 57102
10–3
10–2
10–1
Single Pulse
0.5
0.2
0.1
0.05
0.02
0.01
D = 1.0
PDM
tw
D
=
T
tw
T


Similar Part No. - FS50SMJ-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS50SMJ-2 MITSUBISHI-FS50SMJ-2 Datasheet
42Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS50SMJ-2 POWEREX-FS50SMJ-2 Datasheet
47Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS50SMJ-2 RENESAS-FS50SMJ-2_15 Datasheet
102Kb / 7P
   HIGH-SPEED SWITCHING USE
More results

Similar Description - FS50SMJ-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS5UM-10 RENESAS-FS5UM-10 Datasheet
83Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS16SM-6 RENESAS-FS16SM-6 Datasheet
84Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS3VS-9 RENESAS-FS3VS-9 Datasheet
81Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS5VS-9 RENESAS-FS5VS-9 Datasheet
81Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS10SM-9 RENESAS-FS10SM-9 Datasheet
84Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS16UM-9 RENESAS-FS16UM-9 Datasheet
82Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS10KM-3 RENESAS-FS10KM-3 Datasheet
80Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS50ASJ-03 RENESAS-FS50ASJ-03 Datasheet
78Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS50SMJ-03 RENESAS-FS50SMJ-03 Datasheet
81Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS70UMJ-03 RENESAS-FS70UMJ-03 Datasheet
96Kb / 5P
   MITSUBISHI Nch POWER MOSFET
FS70VSJ-03 RENESAS-FS70VSJ-03 Datasheet
78Kb / 5P
   MITSUBISHI Nch POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com