Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25CAH-8F-T13 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CY25CAH-8F-T13
Description  Nch IGBT for Strobe Flash
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CY25CAH-8F-T13 Datasheet(HTML) 4 Page - Renesas Technology Corp

  CY25CAH-8F-T13 Datasheet HTML 1Page - Renesas Technology Corp CY25CAH-8F-T13 Datasheet HTML 2Page - Renesas Technology Corp CY25CAH-8F-T13 Datasheet HTML 3Page - Renesas Technology Corp CY25CAH-8F-T13 Datasheet HTML 4Page - Renesas Technology Corp CY25CAH-8F-T13 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CY25CAH-8F
Rev.2.00,
May 24,2005,
page 4 of 4
Package Dimensions
4.80
4.70
0.15
1
E
p
0.65
e
e
L
0.08
x
0.10
y
0.20
4.90
0.10
0.30
0.30
0.25
3.10
2.90
4.50
4.30
P-VSON8-3x4.4-0.65
PVSN0008JA-A
0.25
0.09
0.40
0.35
L
c
b
A
E
D
H
MASS[Typ.]
0.95
4.40
3.00
Package Name
JEITA Package Code
RENESAS Code
TNP-8DBV
0.032g
1.95
± 0.1
0.15MAX
D
c
M
x
y
b
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Surface-mounted type
Taping
3000
Type name – T +Direction (1 or 2)+3
CY25CAH-8F-T13
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - CY25CAH-8F-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CY25CAJ-8F RENESAS-CY25CAJ-8F Datasheet
58Kb / 5P
   Nch IGBT for Strobe Flash
CY25CAJ-8F-T13 RENESAS-CY25CAJ-8F-T13 Datasheet
58Kb / 5P
   Nch IGBT for Strobe Flash
More results

Similar Description - CY25CAH-8F-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
   Nch IGBT for Strobe Flash
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
   Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ASA RENESAS-RJP4003ASA Datasheet
136Kb / 5P
   Nch IGBT for Strobe Flash
CY25BAJ-8F RENESAS-CY25BAJ-8F Datasheet
57Kb / 4P
   Nch IGBT for Strobe Flash
RJP4301APP RENESAS-RJP4301APP_09 Datasheet
191Kb / 5P
   Nch IGBT for Strobe Flash
RJP4007ANS RENESAS-RJP4007ANS Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
   Nch IGBT for Strobe Flash
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com